Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4529 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4529
Description  40V/3.0A CV/CC Buck Converter Featuring QC2.0 ,USB Auto-Detect and USB-PD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4529 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4529 Datasheet HTML 1Page - Active-Semi, Inc ACT4529 Datasheet HTML 2Page - Active-Semi, Inc ACT4529 Datasheet HTML 3Page - Active-Semi, Inc ACT4529 Datasheet HTML 4Page - Active-Semi, Inc ACT4529 Datasheet HTML 5Page - Active-Semi, Inc ACT4529 Datasheet HTML 6Page - Active-Semi, Inc ACT4529 Datasheet HTML 7Page - Active-Semi, Inc ACT4529 Datasheet HTML 8Page - Active-Semi, Inc ACT4529 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
FEATURES
Qualcomm® Quick Charge™ 2.0 Certified
40V Input Voltage Surge
6V-36V Operational Input Voltage
5.1V/9.1V/12.1V Output with +/-1% Accuracy
Up to 3.0A Output current
Constant Current Regulation Limit
QC2.0 Decoding + USB Auto-Detect + USB-PD
Type-C Support
Support Apple 2.4A, Samsung and BC1.2
Devices
Hiccup Mode Protection at Output Short
>90% Efficiency at Full Load
0.5mA Low Standby Input Current
5.7V/10.1V/13.5V Output Over-voltage
Protection for 5.1V/9.1V/12.1V Outputs
Cord Voltage Compensation
Meet EN55022 Class B Radiated EMI Standard
8kV ESD HBM Protection on DP and DM
SOP-8EP Package
APPLICATIONS
Car Charger
Cigarette Lighter Adaptor (CLA)
Rechargeable Portable Device
CV/CC regulation DC/DC converter
GENERAL DESCRIPTION
ACT4529 is a wide input voltage, high efficiency
step-down DC/DC converter that operates in either
CV (Constant Output Voltage) mode or CC
(Constant Output Current) mode. This device has
QC2.0 built in to provide 5.1V/9.1V/12.1V outputs
as requested by attached portable devices. Besides
building in QC2.0 decoding, it also supports Apple,
Samsung and BC1.2 devices to charge at full
current rate. ACT4529 has an interface for USB-PD
control via a tri-state digital pin. Vout is 5.1V if this
pin is floating, Vout is 9.1V when this pin voltage is
less than 0.8V and Vout is 12.1V while this pin
voltage is more than 2.0V.
ACT4529 has accurate output current limits under
constant
current
regulation
to
meet
MFi
specification. It provides up to 3.0A output current
at 125kHz switching frequency. ACT4529 utilizes
adaptive drive technique to achieve good EMI
performance while main >90% efficiency at full load
for mini size CLA designs. It also has output short
circuit protection with hiccup mode. The average
output current is reduced to below 6mA when
output is shorted to ground. Other features include
output
over
voltage
protection
and
thermal
shutdown.
This device is available in a SOP-8EP package and
require very few external components for operation.
ACT4529
40V/3.0A CV/CC Buck Converter Featuring QC2.0 ,USB Auto-Detect and USB-PD
Rev 1, October 13th, 2015
Typical Application Circuit
V/I Profile
ACT4529
HSB
IN
SW
6.0V to 40V
DM
Rcs
25mΩ
CSP
DP
Vout
GND
D-
D+
GND
CSN
5V/9V/12V
C2
10μF
C3
22nF
C5
220μF
C1
47μF
C4
22μF
C6
2.2μF
D1
SK54
L1
47μH
PDC
USB-PD Controller
I/O
CC1
CC2
CC1
CC2
2.65A
5.1V
Vout
Iout
3.2V
9.1V
12.1V
* Patent Pending


Similar Part No. - ACT4529

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
ACT4529 QORVO-ACT4529 Datasheet
1Mb / 16P
40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev. G, November 2023
logo
Active-Semi, Inc
ACT4529M ACTIVE-SEMI-ACT4529M Datasheet
2Mb / 15P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1, 23-Feb-17
logo
Qorvo, Inc
ACT4529M QORVO-ACT4529M Datasheet
1Mb / 16P
40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev. B, September 2020
logo
Active-Semi, Inc
ACT4529MYH-T0010 ACTIVE-SEMI-ACT4529MYH-T0010 Datasheet
2Mb / 15P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1, 23-Feb-17
logo
Qorvo, Inc
ACT4529MYH-T0010 QORVO-ACT4529MYH-T0010 Datasheet
1Mb / 16P
40 V/3.0 A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev. B, September 2020
More results

Similar Description - ACT4529

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4527 ACTIVE-SEMI-ACT4527 Datasheet
614Kb / 13P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 1, December 28th, 2015
ACT4528 ACTIVE-SEMI-ACT4528 Datasheet
1Mb / 13P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 1.2, December 28th, 2015
ACT4526 ACTIVE-SEMI-ACT4526_17 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 2, 06-Jan-2017
ACT4527 ACTIVE-SEMI-ACT4527_17 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
ACT4528 ACTIVE-SEMI-ACT4528_16 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 2, 06-Jan-2016
ACT4529 ACTIVE-SEMI-ACT4529_17 Datasheet
1Mb / 15P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 4, 06-Jan-2017
EA4527YH ACTIVE-SEMI-EA4527YH Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
ACT4529M ACTIVE-SEMI-ACT4529M Datasheet
2Mb / 15P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1, 23-Feb-17
ACT4530 ACTIVE-SEMI-ACT4530 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 19-Nov-2018
ACT4530M ACTIVE-SEMI-ACT4530M Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 04-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com