Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4529 Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT4529
Description  40V/3.0A CV/CC Buck Converter Featuring QC2.0 ,USB Auto-Detect and USB-PD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4529 Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT4529 Datasheet HTML 5Page - Active-Semi, Inc ACT4529 Datasheet HTML 6Page - Active-Semi, Inc ACT4529 Datasheet HTML 7Page - Active-Semi, Inc ACT4529 Datasheet HTML 8Page - Active-Semi, Inc ACT4529 Datasheet HTML 9Page - Active-Semi, Inc ACT4529 Datasheet HTML 10Page - Active-Semi, Inc ACT4529 Datasheet HTML 11Page - Active-Semi, Inc ACT4529 Datasheet HTML 12Page - Active-Semi, Inc ACT4529 Datasheet HTML 13Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ACT4529
Rev1, October 13th, 2015
Innovative PowerTM
- 9 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
BOM List for 2.4A Car Charger
ITEM REFERENCE
DESCRIPTION
MANUFACTURER
QTY
1
U1
IC, ACT4529, SOP-8EP
Active-Semi
1
2
C1
Capacitor, Electrolytic, 47µF/50V
Murata, TDK
1
3
C2
Capacitor, Ceramic, 10µF/50V, 1206, SMD
Murata, TDK
1
4
C3
Capacitor, Ceramic, 22nF/25V, 0603, SMD
Murata, TDK
1
5
C4
Capacitor, Ceramic, 10µF/16V, 1206, SMD
Murata, TDK
1
6
C5
Capacitor, Electrolytic, 220µF/16V
Murata, TDK
1
7
C6
Capacitor, Ceramic, 2.2µF/16V, 1206, SMD
Murata, TDK
1
8
L1
Inductor, 47µH, 3.5A, 20%
1
9
D1
Diode, Schottky, 40V/5A, SK54
Diodes
1
10
Rcs
Chip Resistor, 25mΩ, 1206, 1%
Murata, TDK
1
Typical Application Circuit
ACT4529
HSB
IN
SW
6.0V to 40V
DM
Rcs
25mΩ
CSP
DP
Vout
GND
D-
D+
GND
CSN
5V/9V/12V
C2
10μF
C3
22nF
C5
220μF
C1
47μF
C4
10μF
C6
2.2μF
D1
SK54
L1
47μH
PDC
USB-PD Controller
I/O
CC1
CC2
CC1
CC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com