Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2055 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # PEB2055
Description  ICs for Communications Extended PCM Interface Controller
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2055 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button PEB2055 Datasheet HTML 35Page - Infineon Technologies AG PEB2055 Datasheet HTML 36Page - Infineon Technologies AG PEB2055 Datasheet HTML 37Page - Infineon Technologies AG PEB2055 Datasheet HTML 38Page - Infineon Technologies AG PEB2055 Datasheet HTML 39Page - Infineon Technologies AG PEB2055 Datasheet HTML 40Page - Infineon Technologies AG PEB2055 Datasheet HTML 41Page - Infineon Technologies AG PEB2055 Datasheet HTML 42Page - Infineon Technologies AG PEB2055 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 269 page
background image
PEB 2055
PEF 2055
Operational Description
Semiconductor Group
39
Time slot switching is always carried out on 8-bit time slots, the actual position and
number of transferred bits can however be limited to 4-bit or 2-bit sub time slots within
these 8-bit time slots. On the CFI side, only one sub time slot per 8-bit time slot can be
switched, whereas on the PCM-interface up to 4 independent sub time slots can be
switched.
Examples are given in chapter 5.3.
Sub Time Slot Switching
Sub time slot positions at the PCM-interface can be selected at random, i.e. each single
PCM time slot may contain any mixture of 2- and 4-bit sub time slots. A PCM time slot
may also contain more than one sub time slot. On the CFI however, two restrictions must
be observed:
– Each CFI time slot may contain one and only one sub time slot.
– The sub-slot position for a given bandwidth within the time slot is fixed on a per port
basis.
For more detailed information on sub-channel switching please refer to chapter 5.4.2.
µP Transfer
Switching paths 3 and 4 of figure 18 can be realized for all available time slots. Path 3
can be implemented by defining the corresponding CFI time slots as “
µP channels” or as
“pre-processed channels”.
Each single time slot can individually be declared as “
µP channel”. If this is the case, the
µP can write a static 8-bit value to a downstream time slot which is then transmitted
repeatedly in each frame until a new value is loaded. In upstream direction, the
µP can
read the received 8-bit value whenever required, no interrupts being generated.
The “pre-processed channel” option must always be applied to two consecutive time
slots. The first of these time slots must have an even time slot number. If two time slots
are declared as “pre-processed channels”, the first one can be accessed by the
monitor/feature control handler, which gives access to the frame via a 16-byte FIFO.
Although this function is mainly intended for IOM- or SLD-applications, it could also be
used to transmit or receive a “burst” of data to or from a 64-kbit/s channel. The second
pre-processed time slot, the odd one, is also accessed by the
µP. In downstream
direction a 4-, 6- or 8-bit static value can be transmitted. In upstream direction the
received 8-bit value can be read. Additionally, a change detection mechanism will
generate an interrupt upon a change in any of the selected 4, 6 or 8 bits.
Pre-processed channels are usually programmed after Control Memory (CM) reset
during device initialization. Resetting the CM sets all CFI time slots to unassigned
channels (CM code “0000”). Of course, pre-processed channels can also be initialized
or re-initialized in the operational phase of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com