Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2055 Datasheet(PDF) 51 Page - Infineon Technologies AG

Part # PEB2055
Description  ICs for Communications Extended PCM Interface Controller
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2055 Datasheet(HTML) 51 Page - Infineon Technologies AG

Back Button PEB2055 Datasheet HTML 47Page - Infineon Technologies AG PEB2055 Datasheet HTML 48Page - Infineon Technologies AG PEB2055 Datasheet HTML 49Page - Infineon Technologies AG PEB2055 Datasheet HTML 50Page - Infineon Technologies AG PEB2055 Datasheet HTML 51Page - Infineon Technologies AG PEB2055 Datasheet HTML 52Page - Infineon Technologies AG PEB2055 Datasheet HTML 53Page - Infineon Technologies AG PEB2055 Datasheet HTML 54Page - Infineon Technologies AG PEB2055 Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 269 page
background image
PEB 2055
PEF 2055
Detailed Register Description
Semiconductor Group
51
4.2.1.4 PCM-Offset Upstream Register (POFU)
Access in demultiplexed
µP-interface mode:
read/write
address: 3H
OMDR:RBS = 1
Access in multiplexed
µP-interface mode:
read/write
address: 26H
Reset value: 00H
OFU9..2
Offset Upstream bit 9…2.
These bits together with PCSR:OFU1..0 determine the offset of the PCM
frame in upstream direction. The following formulas apply for calculating the
required register value. BNU is the bit number in upstream direction marked
by the rising internal PFS-edge.
PCM mode 0:
OFU9..2 = mod
BPF (BNU + 23)
PCSR:OFU1..0 = 00
PCM mode 1:
OFU9..1 = mod
BPF (BNU + 47)
PCSR:OFU0 = 0
PCM mode 2:
OFU9..0 = mod
BPF (BNU + 95)
4.2.1.5 PCM-Clock Shift Register (PCSR)
Access in demultiplexed
µP-interface mode:
read/write
address: 4H
OMDR:RBS = 1
Access in multiplexed
µP-interface mode:
read/write
address: 28H
Reset value: 00H
OFD1..0
Offset Downstream bits 1…0, see POFD register.
DRE
Downstream Rising Edge.
0…the PCM-data is sampled with the falling edge of PDC
1…the PCM-data is sampled with the rising edge of PDC
OFU1..0
Offset Upstream bits 1…0, see POFU register.
URE
Upstream Rising Edge.
0…the PCM-data is transmitted with the falling edge of PDC
1…the PCM-data is transmitted with the rising edge of PDC
bit 7
bit 0
OFU9
OFU8
OFU7
OFU6
OFU5
OFU4
OFU3
OFU2
bit 7
bit 0
0
OFD1
OFD0
DRE
0
OFU1
OFU0
URE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com