Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEB2055 Datasheet(PDF) 54 Page - Infineon Technologies AG

Part # PEB2055
Description  ICs for Communications Extended PCM Interface Controller
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2055 Datasheet(HTML) 54 Page - Infineon Technologies AG

Back Button PEB2055 Datasheet HTML 50Page - Infineon Technologies AG PEB2055 Datasheet HTML 51Page - Infineon Technologies AG PEB2055 Datasheet HTML 52Page - Infineon Technologies AG PEB2055 Datasheet HTML 53Page - Infineon Technologies AG PEB2055 Datasheet HTML 54Page - Infineon Technologies AG PEB2055 Datasheet HTML 55Page - Infineon Technologies AG PEB2055 Datasheet HTML 56Page - Infineon Technologies AG PEB2055 Datasheet HTML 57Page - Infineon Technologies AG PEB2055 Datasheet HTML 58Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 269 page
background image
PEB 2055
PEF 2055
Detailed Register Description
Semiconductor Group
54
CMD1..0
CFI Mode1,0.
Defines the actual number and configuration of the CFI ports.
where N = number of time slots in a PCM frame
CIS1..0
CFI Alternative Input Selection.
In CFI mode 1 and 2 CIS1..0 controls the assignment between logical and
physical receive pins. In CFI mode 0 and 3 CIS1,0 should be set to 0.
CMD1..0 CFI
Mode
Number
of
Logical
Ports
CFI Data Rate
[kbit/s]
Min. Required
CFI Data Rate
[kbit/s]
Relative to
PCM-Data Rate
Necessary
Reference
Clock (RCL)
DCL-Output
Frequencies
CMD1:CSS0 = 0
min.
max.
00
0
4 DU
(0..3)
128
2048
32N/3
2xDR
DR, 2xDR1)
01
1
2 DU
(0..1)
128
4096
64N/3
DR
DR
10
2
1 DU
128
8192
64N/3
0.5xDR
DR
11
3
8 bi (0..7) 128
1024
16N/3
4xDR
DR, 2xDR
CFI
Mode
Port 0Port 1Port 2Port 3
DU0
DD0
DU1
DD1
DU2
DD2
DU3
DD3
0
IN0
OUT0
IN1
OUT1
IN2
OUT2
IN3
OUT3
1IN0
CIS0 = 0
OUT0
IN1
CIS1 = 0
OUT1
IN0
CIS0 = 1
tristate
IN1
CIS1 = 1
tristate
2IN
CIS0 = 0
OUT
not active tristate
IN
CIS0 = 1
tristate
not active tristate
3
I/O4
I/O0
I/O5
I/O1
I/O6
I/O2
I/O7
I/O3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com