Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3NK50Z Datasheet(PDF) 6 Page - STMicroelectronics

Part # P3NK50Z
Description  Gate charge minimized
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P3NK50Z Datasheet(HTML) 6 Page - STMicroelectronics

Back Button P3NK50Z Datasheet HTML 2Page - STMicroelectronics P3NK50Z Datasheet HTML 3Page - STMicroelectronics P3NK50Z Datasheet HTML 4Page - STMicroelectronics P3NK50Z Datasheet HTML 5Page - STMicroelectronics P3NK50Z Datasheet HTML 6Page - STMicroelectronics P3NK50Z Datasheet HTML 7Page - STMicroelectronics P3NK50Z Datasheet HTML 8Page - STMicroelectronics P3NK50Z Datasheet HTML 9Page - STMicroelectronics P3NK50Z Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STP3NK50Z
6/14
DocID025103 Rev 1
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
Operation
in
this
ar
ea
is
Limit
ed
b
y max
R
DS(on)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
0.01
AM15994v1
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Transconductance
Figure 7. Capacitance variations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com