Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3NK50Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # P3NK50Z
Description  Gate charge minimized
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P3NK50Z Datasheet(HTML) 1 Page - STMicroelectronics

  P3NK50Z Datasheet HTML 1Page - STMicroelectronics P3NK50Z Datasheet HTML 2Page - STMicroelectronics P3NK50Z Datasheet HTML 3Page - STMicroelectronics P3NK50Z Datasheet HTML 4Page - STMicroelectronics P3NK50Z Datasheet HTML 5Page - STMicroelectronics P3NK50Z Datasheet HTML 6Page - STMicroelectronics P3NK50Z Datasheet HTML 7Page - STMicroelectronics P3NK50Z Datasheet HTML 8Page - STMicroelectronics P3NK50Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
August 2013
DocID025103 Rev 1
1/14
STP3NK50Z
N-channel 500 V, 2.8
Ω typ., 2.3 A Zener-protected SuperMESH™
Power MOSFET in a TO-220 package
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Extremely high dv/dt capability
• ESD improved capability
• 100% avalanche tested
• Gate charge minimized
• Zener-protected
Applications
• Switching applications
Description
This device is an N-channel Zener-protected
Power MOSFET developed using
STMicroelectronics' SuperMESH™ technology,
achieved through optimization of ST's well
established strip-based PowerMESH™ layout. In
addition to a significant reduction in on-
resistance, this device is designed to ensure a
high level of dv/dt capability for the most
demanding applications.
TO-220
1
2
3
TAB
D(2, TAB)
G(1)
S(3)
AM01476v1
Order code
VDS
RDS(on)max.
ID
PTOT
STP3NK50Z
500 V
3.3
Ω
2.3 A
45 W
Table 1. Device summary
Order code
Marking
Packages
Packaging
STP3NK50Z
P3NK50Z
TO-220
Tube
www.st.com


Similar Part No. - P3NK50Z

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
P3NK60Z VBSEMI-P3NK60Z Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
logo
STMicroelectronics
P3NK60ZFP STMICROELECTRONICS-P3NK60ZFP Datasheet
936Kb / 34P
N-channel 600 V, 3.2 Ω typ., 2.4 A SuperMESH™ Power MOSFETs in D²PAK, IPAK, DPAK, TO-220 and TO-220FP packages
20-Aug-2018
P3NK80Z STMICROELECTRONICS-P3NK80Z Datasheet
1Mb / 29P
N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
06-Apr-2017
P3NK90Z STMICROELECTRONICS-P3NK90Z Datasheet
563Kb / 24P
N-channel 900 V, 3.6 Ω typ., 3 A SuperMESH™ Power MOSFETs in DPAK, TO-220 and TO-220FP packages
20-Aug-2018
P3NK90ZFP STMICROELECTRONICS-P3NK90ZFP Datasheet
613Kb / 13P
N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Nov-2002
More results

Similar Description - P3NK50Z

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU4H10R RUICHIPS-RU4H10R Datasheet
300Kb / 9P
N-Channel Advanced Power MOSFET Gate charge minimized
logo
STMicroelectronics
STDLED625 STMICROELECTRONICS-STDLED625 Datasheet
1Mb / 18P
Gate charge minimized
28-Aug-2013
STDLED625H STMICROELECTRONICS-STDLED625H Datasheet
1Mb / 17P
Gate charge minimized
22-Mar-2013
STDLED656 STMICROELECTRONICS-STDLED656 Datasheet
1Mb / 22P
Gate charge minimized
26-Mar-2013
STF11N65K3 STMICROELECTRONICS-STF11N65K3 Datasheet
815Kb / 13P
Gate charge minimized
03-Oct-2011
STD3N40K3 STMICROELECTRONICS-STD3N40K3 Datasheet
990Kb / 16P
Gate charge minimized
24-Jul-2012
STF16N50U STMICROELECTRONICS-STF16N50U Datasheet
691Kb / 12P
Gate charge minimized
09-Sep-2010
STQ1HN60K3-AP STMICROELECTRONICS-STQ1HN60K3-AP Datasheet
1Mb / 14P
Gate charge minimized
09-Apr-2013
STU3N45K3 STMICROELECTRONICS-STU3N45K3 Datasheet
838Kb / 14P
Gate charge minimized
June 2013 Rev 3
STW9NK95Z STMICROELECTRONICS-STW9NK95Z Datasheet
312Kb / 12P
Gate charge minimized
03-Jul-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com