Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3NK50Z Datasheet(PDF) 5 Page - STMicroelectronics

Part # P3NK50Z
Description  Gate charge minimized
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P3NK50Z Datasheet(HTML) 5 Page - STMicroelectronics

  P3NK50Z Datasheet HTML 1Page - STMicroelectronics P3NK50Z Datasheet HTML 2Page - STMicroelectronics P3NK50Z Datasheet HTML 3Page - STMicroelectronics P3NK50Z Datasheet HTML 4Page - STMicroelectronics P3NK50Z Datasheet HTML 5Page - STMicroelectronics P3NK50Z Datasheet HTML 6Page - STMicroelectronics P3NK50Z Datasheet HTML 7Page - STMicroelectronics P3NK50Z Datasheet HTML 8Page - STMicroelectronics P3NK50Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DocID025103 Rev 1
5/14
STP3NK50Z
Electrical characteristics
14
The built-in back-to-back Zener diodes have been specifically designed to enhance not only
the device’s ESD capability, but also to make them capable of safely absorbing any voltage
transients that may occasionally be applied from gate to source. In this respect, the Zener
voltage is appropriate to achieve efficient and cost-effective protection of device integrity.
The integrated Zener diodes thus eliminate the need for external components.
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
2.3
A
ISDM
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Source-drain current (pulsed)
-
9.2
A
VSD
(2)
2.
Pulse width limited by safe operating area
Forward on voltage
ISD= 2.3 A, VGS=0
-
1.6
V
trr
Reverse recovery time
ISD= 2.3 A, VDD= 40 V
di/dt = 100 A/µs,
(see Figure 17)
-
250
ns
Qrr
Reverse recovery charge
-
745
nC
IRRM
Reverse recovery current
-
6
A
trr
Reverse recovery time
ISD= 12 A,VDD= 40 V
di/dt=100 A/µs,
Tj=150 °C
(see Figure 17)
-
300
ns
Qrr
Reverse recovery charge
-
960
nC
IRRM
Reverse recovery current
-
6.2
A
Table 8. Gate-source Zener diode
Symbol
Parameter
Test conditions
Min
Typ.
Max.
Unit
V(BR)GSO Gate-source breakdown voltage IGS = ± 1mA, ID=0
30
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com