Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEF2015 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # PEF2015
Description  ICs for Communications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF2015 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button PEF2015 Datasheet HTML 35Page - Infineon Technologies AG PEF2015 Datasheet HTML 36Page - Infineon Technologies AG PEF2015 Datasheet HTML 37Page - Infineon Technologies AG PEF2015 Datasheet HTML 38Page - Infineon Technologies AG PEF2015 Datasheet HTML 39Page - Infineon Technologies AG PEF2015 Datasheet HTML 40Page - Infineon Technologies AG PEF2015 Datasheet HTML 41Page - Infineon Technologies AG PEF2015 Datasheet HTML 42Page - Infineon Technologies AG PEF2015 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
PEF 2015
Registers Summary
Semiconductor Group
39
12.97
4.2.2
Configurable Interface Registers
4.2.2.1
Configurable Interface Mode Register 1 (CMD1)
Access in demultiplexed
µP-interface mode: read/write
address: 6H
OMDR:RBS = 1
Access in multiplexed
µP-interface mode:
read/write
address: 2CH
Reset value: 00H
CSS
Clock Source Selection.
0…PDC and PFS are used as clock and framing source for the CFI. Clock
and framing signals derived from these sources are output on DCL and
FSC.
1…DCL and FSC are selected as clock and framing source for the CFI.
CSM
CFI-Synchronization Mode.
The rising FSC-edge synchronizes the CFI-frame.
0…FSC is evaluated with every falling edge of DCL.
1…FSC is evaluated with every rising edge of DCL.
Note: If CSS = 0 is selected, CSM and PMOD:PSM must be programmed identical.
CSP1..0
Clock Source Prescaler 1,0.
The clock source frequency is divided according to the following table to
obtain the CFI-reference clock CRCL (refer to figures 10 and 11).
bit 7
bit 0
CSS
CSM
CSP1
CSP0
CMD1
CMD0
0
0
CSP1,0
Prescaler Divisor
00
2
01
1.5
10
1
11
not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com