Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEF2015 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # PEF2015
Description  ICs for Communications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF2015 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button PEF2015 Datasheet HTML 17Page - Infineon Technologies AG PEF2015 Datasheet HTML 18Page - Infineon Technologies AG PEF2015 Datasheet HTML 19Page - Infineon Technologies AG PEF2015 Datasheet HTML 20Page - Infineon Technologies AG PEF2015 Datasheet HTML 21Page - Infineon Technologies AG PEF2015 Datasheet HTML 22Page - Infineon Technologies AG PEF2015 Datasheet HTML 23Page - Infineon Technologies AG PEF2015 Datasheet HTML 24Page - Infineon Technologies AG PEF2015 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
PEF 2015
Operational Description
Semiconductor Group
21
12.97
capability of the MICO should prove to be insufficient for a specific application, an
external driver controlled by the TSC can be connected.
The PCM-standby function makes it possible to switch all PCM-output lines to high
impedance with a single command. Internally, the device still works normally. Only the
output drivers are switched off.
The number of time slots per 8-kHz frame is programmable in a wide range (from 4 to
128). In other words, the PCM-data rate can range between 256 kbit/s up to
8.192 Mbit/s. For time slot encoding refer to figure 7.
The number of bits per frame is defined by the PCM-mode. There are three PCM-
modes.
The timing characteristics at the PCM-interface (data rate, bit shift, etc.) can be varied in
a wide range.
The PCM-interface has to be clocked with a PCM-Data Clock (PDC) signal having a
frequency equal to or twice the selected PCM-data rate. In single clock rate operation,
a frame consisting of 32 time slots, for example, requires a PDC of 2048 kHz. In double
clock rate operation, however, the same frame structure would require a PDC of
4096 kHz.
For the synchronization of the time slot structure to an external PCM-system, a PCM-
Framing Signal (PFS) must be applied. The MICO evaluates the rising PFS edge to
reset the internal time slot counters. In order to adapt the PFS-timing to different timing
requirements, the MICO can latch the PFS-signal with either the rising or the falling PDC-
edge. The PFS-signal defines the position of the first bit of the internal PCM-frame. The
actual position of the external upstream and downstream PCM-frames with respect to
the framing signal PFS can still be adjusted using the PCM-offset function of the MICO.
The offset can then be programmed such that PFS marks any bit number of the external
frame.
Furthermore it is possible to select either the rising or falling PDC-clock edge for
transmitting and sampling the PCM-data.
Usually, the repetition rate of the applied framing pulse PFS is identical to the frame
period (125
µs). If this is the case, the loss of synchronism indication function can
be used to supervise the clock and framing signals for missing or additional clock cycles.
The MICO checks the PFS-period internally against the duration expected from the
programmed data rate. If, for example, double clock operation with 32 time slots per
frame is programmed, the MICO expects 512 clock periods within one PFS-period. The
synchronous state is reached after the MICO has detected two consecutive correct
frames. The synchronous state is lost if one bad clock cycle is found. The
synchronization status (gained or lost) can be read from an internal register and each
status change generates an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com