Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX339 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSX339
Description  Micropower dual CMOS voltage comparators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX339 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSX339 Datasheet HTML 2Page - STMicroelectronics TSX339 Datasheet HTML 3Page - STMicroelectronics TSX339 Datasheet HTML 4Page - STMicroelectronics TSX339 Datasheet HTML 5Page - STMicroelectronics TSX339 Datasheet HTML 6Page - STMicroelectronics TSX339 Datasheet HTML 7Page - STMicroelectronics TSX339 Datasheet HTML 8Page - STMicroelectronics TSX339 Datasheet HTML 9Page - STMicroelectronics TSX339 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Electrical characteristics
TSX339
6/22
DocID028644 Rev 1
4
Electrical characteristics
Table 3: VCC+ = 3 V, VCC- = 0 V, Tamb = 25 °C (unless otherwise specified)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
(1)
Vicm = 0 V
-5
0.1
5
mV
Tmin ≤ Tamb ≤ Tmax
-6
6
Iio
Input offset current
(2)
Vicm = VCC/2
1
10
pA
Tmin ≤ Tamb ≤ Tmax
600
Iib
Input bias current
(2)
Vicm = VCC/2
1
10
Tmin ≤ Tamb ≤ Tmax
1200
CMR
Common-mode
rejection ratio
Vicm = 0 to max Vicm
58
73
dB
Tmin ≤ Tamb ≤ Tmax
55
SVR
Supply voltage rejection
ratio
VCC
+ = 3 V to 5 V, V
icm = VCC/2
69
88
Tmin ≤ Tamb ≤ Tmax
69
IOH
High-level output
voltage drop
Vid = 1 V, VOH = 3 V
1
40
nA
Tmin ≤ Tamb ≤ Tmax
1000
VOL
Low-level output voltage
Vid = -1 V, IOL = 6 mA
300
400
mV
Tmin ≤ Tamb ≤ Tmax
600
ICC
Supply current per
comparator
No load - outputs low
5
6
µA
Tmin ≤ Tamb ≤ Tmax
7
No load - outputs high
8
9
Tmin ≤ Tamb ≤ Tmax
11
tPLH
Response time low to
high
Vicm = 0 V, f = 10 kHz, RL = 5.1 kΩ, CL = 50 pF,
overdrive = 5 mV
2.5
µs
Overdrive = 100 mV
0.53
0.65
Tmin ≤ Tamb ≤ Tmax
0.7
tPHL
Response time high to
low
Vicm = 0 V, f = 10 kHz, RL = 5.1 kΩ, CL = 50 pF,
overdrive = 5 mV
2
Overdrive = 100 mV
0.4
0.6
Tmin ≤ Tamb ≤ Tmax
0.65
tf
Fall time
f = 10 kHz, CL = 50 pF, RL = 5.1 kΩ,
overdrive 50 mV
39
ns
Notes:
(1)
The specified offset voltage is the maximum value required to drive the output up to 2.5 V or down to 0.3 V.
(2)
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com