Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX339 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSX339
Description  Micropower dual CMOS voltage comparators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX339 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSX339 Datasheet HTML 7Page - STMicroelectronics TSX339 Datasheet HTML 8Page - STMicroelectronics TSX339 Datasheet HTML 9Page - STMicroelectronics TSX339 Datasheet HTML 10Page - STMicroelectronics TSX339 Datasheet HTML 11Page - STMicroelectronics TSX339 Datasheet HTML 12Page - STMicroelectronics TSX339 Datasheet HTML 13Page - STMicroelectronics TSX339 Datasheet HTML 14Page - STMicroelectronics TSX339 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TSX339
Electrical characteristic curves
DocID028644 Rev 1
11/22
0
2
4
6
8
10
12
14
16
1E-14
1E-13
1E-12
1E-11
1E-10
1E-9
1E-8
1E-7
1E-6
1E-5
1E-4
1E-3
V
CC= 5V
T = 85
oC
T = 25
oC
T = 125
oC
V
in
(V)
Figure 9: Output voltage drop vs.
output sink current, VCC = 5 V
Figure 10: Output voltage drop vs.
output sink current, VCC = 12 V
Figure 11: Input offset voltage distribution,
VCC = 5 V
Figure 12: Input current vs input voltage,
VCC = 5 V
Figure 13: Propagation delay tPLH vs.
input signal overdrive, VCC = 5 V
Figure 14: Propagation delay tPHL vs.
input signal overdrive, VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com