Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX339 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSX339
Description  Micropower dual CMOS voltage comparators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX339 Datasheet(HTML) 5 Page - STMicroelectronics

  TSX339 Datasheet HTML 1Page - STMicroelectronics TSX339 Datasheet HTML 2Page - STMicroelectronics TSX339 Datasheet HTML 3Page - STMicroelectronics TSX339 Datasheet HTML 4Page - STMicroelectronics TSX339 Datasheet HTML 5Page - STMicroelectronics TSX339 Datasheet HTML 6Page - STMicroelectronics TSX339 Datasheet HTML 7Page - STMicroelectronics TSX339 Datasheet HTML 8Page - STMicroelectronics TSX339 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TSX339
Absolute maximum ratings and operating
conditions
DocID028644 Rev 1
5/22
3
Absolute maximum ratings and operating conditions
Table 1: Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
+
Supply voltage
(1)
18
V
Vid
Differential input voltage
(2)
±18
Vin
Input voltage
-0.3 to18
Vo
Output voltage
18
Io
Output current
20
mA
IF
Forward current in ESD protection diodes on inputs
(3)
50
Tj
Maximum junction temperature
150
°C
Tstg
Storage temperature range
-65 to 150
Rthja
Thermal resistance junction to ambient
(4)
SO14
105
°C/W
TSSOP14
100
QFN16 3x3
39
ESD
HBM: human body model
(5)
4000
V
MM: machine model
(6)
200
CDM: charged device model
(7)
1500
Latch-up immunity
200
mA
Notes:
(1)
All voltage values, except the differential voltage, are with respect to network ground terminal
(2)
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal
(3)
Guaranteed by design
(4)
Short-circuits can cause excessive heating and destructive dissipation. Values are typical
(5)
According to JEDEC standard JESD22-A114F
(6)
According to JEDEC standard JESD22-A115A
(7)
According to ANSI/ESD STM5.3.1
Table 2: Operating conditions
Symbol
Parameter
Value
Unit
VCC
+
Supply voltage
2.7 to 16
V
Vicm
(1)
Common mode input voltage range
0 to (VCC
+) - 1.5
Tmin ≤ Tamb ≤ Tmax
0 to (VCC
+) - 2
Toper
Operating free-air temperature range
-40 to 125
°C
Notes:
(1)
The output state is guaranteed as long as one input remains with this common-mode input voltage range, and
the other input remains between -0.3 V and 16 V (meaning that one input can be driven above VCC+).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com