Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX339IDT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSX339IDT
Description  Micropower dual CMOS voltage comparators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX339IDT Datasheet(HTML) 1 Page - STMicroelectronics

  TSX339IDT Datasheet HTML 1Page - STMicroelectronics TSX339IDT Datasheet HTML 2Page - STMicroelectronics TSX339IDT Datasheet HTML 3Page - STMicroelectronics TSX339IDT Datasheet HTML 4Page - STMicroelectronics TSX339IDT Datasheet HTML 5Page - STMicroelectronics TSX339IDT Datasheet HTML 6Page - STMicroelectronics TSX339IDT Datasheet HTML 7Page - STMicroelectronics TSX339IDT Datasheet HTML 8Page - STMicroelectronics TSX339IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
December 2015
DocID028644 Rev 1
1/22
This is information on a product in full production.
www.st.com
TSX339
Micropower dual CMOS voltage comparators
Datasheet - production data
Features
Low supply current: 5 µA typ. per
comparator
Wide single supply range 2.7 V to 16 V or
dual supplies (±1.35 V to ±8 V)
Extremely low input bias current: 1 pA typ.
Input common-mode voltage range includes
ground
Open drain output
High input impedance: 10
12 Ω typ
Fast response time: 2 µs typ. for 5 mV
overdrive
ESD tolerance: 4 kV HBM, 200 V MM
Related products
Pin-to-pin and functionally compatible with
the dual CMOS TS339 comparators
See TSX3704 for push-pull output
Applications
Automotive
Industrial
Description
The TSX339 is a micropower CMOS dual voltage
comparator which exhibits a very low current
consumption of 5 µA typical per comparator. This
device was designed as the improvement of the
TS339: it shows a lower current consumption, a
better input offset voltage, and an enhanced ESD
tolerance. The TSX339 is fully specified over a
wide temperature range and is proposed in
automotive grade for the TSSOP14 package. It is
fully compatible with TS339 CMOS comparator
and is available with similar packages. The new
tiny package, QFN16 3x3, is also proposed for
the TSX339 thus allowing even more integration
on applications.


Similar Part No. - TSX339IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSX3702 STMICROELECTRONICS-TSX3702 Datasheet
597Kb / 24P
Micropower dual CMOS voltage comparators
13-Feb-2015
TSX3702IDT STMICROELECTRONICS-TSX3702IDT Datasheet
597Kb / 24P
Micropower dual CMOS voltage comparators
13-Feb-2015
TSX3702IPT STMICROELECTRONICS-TSX3702IPT Datasheet
597Kb / 24P
Micropower dual CMOS voltage comparators
13-Feb-2015
TSX3702IQ2T STMICROELECTRONICS-TSX3702IQ2T Datasheet
597Kb / 24P
Micropower dual CMOS voltage comparators
13-Feb-2015
TSX3702IST STMICROELECTRONICS-TSX3702IST Datasheet
597Kb / 24P
Micropower dual CMOS voltage comparators
13-Feb-2015
More results

Similar Description - TSX339IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3702C STMICROELECTRONICS-TS3702C Datasheet
51Kb / 5P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
Oct-1997
TS393C STMICROELECTRONICS-TS393C Datasheet
179Kb / 7P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
Jan-2003
TS393 STMICROELECTRONICS-TS393_05 Datasheet
128Kb / 9P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
Aug-2005
TS3702 STMICROELECTRONICS-TS3702 Datasheet
117Kb / 11P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
26-Feb-2007
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
26-Feb-2007
TS393 STMICROELECTRONICS-TS393_08 Datasheet
155Kb / 12P
Micropower dual CMOS voltage comparators
28-Apr-2008
TS3702IDT STMICROELECTRONICS-TS3702IDT Datasheet
121Kb / 11P
Micropower dual CMOS voltage comparators
26-Feb-2007
TSX3702 STMICROELECTRONICS-TSX3702 Datasheet
597Kb / 24P
Micropower dual CMOS voltage comparators
13-Feb-2015
TSX3704 STMICROELECTRONICS-TSX3704 Datasheet
990Kb / 22P
Micropower quad CMOS voltage comparators
29-Feb-2016
TSX393 STMICROELECTRONICS-TSX393 Datasheet
936Kb / 23P
Micropower dual CMOS voltage comparators
June 2016 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com