Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX339IDT Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSX339IDT
Description  Micropower dual CMOS voltage comparators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX339IDT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSX339IDT Datasheet HTML 9Page - STMicroelectronics TSX339IDT Datasheet HTML 10Page - STMicroelectronics TSX339IDT Datasheet HTML 11Page - STMicroelectronics TSX339IDT Datasheet HTML 12Page - STMicroelectronics TSX339IDT Datasheet HTML 13Page - STMicroelectronics TSX339IDT Datasheet HTML 14Page - STMicroelectronics TSX339IDT Datasheet HTML 15Page - STMicroelectronics TSX339IDT Datasheet HTML 16Page - STMicroelectronics TSX339IDT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TSX339
Application information
DocID028644 Rev 1
13/22
6
Application information
6.1
Input voltages
The output state is guaranteed as long as one input remains within the common mode
input voltage range (defined in the operating conditions table), and the other input remains
between -0.3 V and 16 V (meaning that one input can be driven above VCC+).
If one input voltage is beyond the range 0 V to 16 V, this input of the comparator should be
protected according to Figure 17.
If the input is lower than Vcc-, a significant current may go through the ESD diode. To
protect the circuit, this current must be limited to 10 mA by using the Rg+ or Rg- resistors.
If the input is bigger than 16 V, it has to be voltage limited. This is achieved using the D- or
D+ additional, external diodes. To protect these diodes, the current is limited using the Rg
resistor. D- and D+ diodes can be connected to another power supply with a maximum
value of 16 V. The device is designed to prevent phase reversal.
Figure 17: Additional, external, protection schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com