Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX339IDT Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSX339IDT
Description  Micropower dual CMOS voltage comparators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX339IDT Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSX339IDT Datasheet HTML 14Page - STMicroelectronics TSX339IDT Datasheet HTML 15Page - STMicroelectronics TSX339IDT Datasheet HTML 16Page - STMicroelectronics TSX339IDT Datasheet HTML 17Page - STMicroelectronics TSX339IDT Datasheet HTML 18Page - STMicroelectronics TSX339IDT Datasheet HTML 19Page - STMicroelectronics TSX339IDT Datasheet HTML 20Page - STMicroelectronics TSX339IDT Datasheet HTML 21Page - STMicroelectronics TSX339IDT Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Ordering information
TSX339
20/22
DocID028644 Rev 1
8
Ordering information
Table 9: Order codes
Order code
Temperature range
Package
Packing
Marking
TSX339IDT
-40 °C to 125 °C
SO14
Tape and reel
TSX339ID
TSX339IPT
TSSOP14
TSX339I
TSX339IQ4T
QFN16 3x3
K527
TSX339IYPT
(1)
TSSOP14 (automotive grade)
TSX339IY
Notes:
(1)
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent are on-going.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com