Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377CBSW Datasheet(PDF) 54 Page - STMicroelectronics

Part # VD5377CBSW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377CBSW Datasheet(HTML) 54 Page - STMicroelectronics

Back Button VD5377CBSW Datasheet HTML 50Page - STMicroelectronics VD5377CBSW Datasheet HTML 51Page - STMicroelectronics VD5377CBSW Datasheet HTML 52Page - STMicroelectronics VD5377CBSW Datasheet HTML 53Page - STMicroelectronics VD5377CBSW Datasheet HTML 54Page - STMicroelectronics VD5377CBSW Datasheet HTML 55Page - STMicroelectronics VD5377CBSW Datasheet HTML 56Page - STMicroelectronics VD5377CBSW Datasheet HTML 57Page - STMicroelectronics VD5377CBSW Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 88 page
background image
Image capture
VD5377
54/88
Doc ID 022952 Rev 2
9
Image capture
9.1
I2C image capture
The chip can acquire a single frame coming from the image array (either CDS, exposed or
black frame), store it internally (in RAM), and deliver its 400 pixels through I2C registers. A
maximum of 105 frames per second can be achieved in this mode.
The timing diagram (Figure 23) describes the sequence of steps carried out within a
complete frame in I2C frame dump mode.
Figure 23. I2C frame dump timing diagram
Table 32 lists the registers related to the control of the I2C frame dump mode.
framedump_en
framedump_ready
framedump_pixdata
framedump_done
black
DMIB out
Actual2 RAM address
CDS out
0
1
2
3
398 399
pixel address
exposed
exposed
- black
Actual2 RAM R/W#
0 ... 399
0
1
2
3
398 399
1
I2C coms
2
3
tsetup > 250us
tframe > 9.4ms
1: Startup sequence of I2C frame dump mode
2: I2C multiple read of 400 bytes
3: Exit sequence of I2C frame dump mode
0
0: Init sequence of I2C frame dump mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com