Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377CBSW Datasheet(PDF) 51 Page - STMicroelectronics

Part # VD5377CBSW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377CBSW Datasheet(HTML) 51 Page - STMicroelectronics

Back Button VD5377CBSW Datasheet HTML 47Page - STMicroelectronics VD5377CBSW Datasheet HTML 48Page - STMicroelectronics VD5377CBSW Datasheet HTML 49Page - STMicroelectronics VD5377CBSW Datasheet HTML 50Page - STMicroelectronics VD5377CBSW Datasheet HTML 51Page - STMicroelectronics VD5377CBSW Datasheet HTML 52Page - STMicroelectronics VD5377CBSW Datasheet HTML 53Page - STMicroelectronics VD5377CBSW Datasheet HTML 54Page - STMicroelectronics VD5377CBSW Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 88 page
background image
Doc ID 022952 Rev 2
51/88
VD5377
Basic start-up information
8.4
Switching between Automatic mode and Manual mode
This section describes how to use low power standby mode in conjunction with automatic
power management mode. Low power standby has to be accessed from MANUAL RUN as
shown in Figure 21. MANUAL RUN mode is accessed from AUTOMATIC MODE through
SW STBY.
Figure 21. Accessing low power standby from Automatic power mode
The flowchart in Figure 22 shows the procedure for going into low power standby mode from
automatic power mode.
Note:
Automatic power mode with “use standby pin” must be used to enable switching between
power management modes.
SW STBY
MANUAL
RUN
MODE
AUTOMATIC
host_config_done = 1
automatic = 0
host_config_done = 1
automatic = 1
STANDBY
STANDBY=1
STANDBY=0
host_config_done = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com