Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377CBSW Datasheet(PDF) 44 Page - STMicroelectronics

Part # VD5377CBSW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377CBSW Datasheet(HTML) 44 Page - STMicroelectronics

Back Button VD5377CBSW Datasheet HTML 40Page - STMicroelectronics VD5377CBSW Datasheet HTML 41Page - STMicroelectronics VD5377CBSW Datasheet HTML 42Page - STMicroelectronics VD5377CBSW Datasheet HTML 43Page - STMicroelectronics VD5377CBSW Datasheet HTML 44Page - STMicroelectronics VD5377CBSW Datasheet HTML 45Page - STMicroelectronics VD5377CBSW Datasheet HTML 46Page - STMicroelectronics VD5377CBSW Datasheet HTML 47Page - STMicroelectronics VD5377CBSW Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
Additional features
VD5377
44/88
Doc ID 022952 Rev 2
a
GPIO_BACKLED1
gpio_backled1_en
0
PRW
00
BACKLED1 output enable (active
low)
0 = PAD configured as OUTPUT
1 = PAD configured as INPUT
gpio_backled1_a
1
PRW
01
BACKLED1 data output (when
_en = 0)
gpio_backled1_zi
2
PR
01
BACKLED1 IO value
gpio_backled1_tm
3
PRW
00
Reserved. Do not modify this bit.
gpio_backled1_a_
ctrl
4PRW
00
BACKLED1 data output origin
0 = Output value from HW
register
1 = Output value from PWM 1
gpio_backled1_
opendrain
7PRW
01
BACKLED1 pad open drain
control
0 = BACKLED1 pad normal config
1 = BACKLED1 pad in open drain
(A = EN)
b
GPIO_BACKLED2
gpio_backled2_en
0
PRW
00
BACKLED2 output enable (active
low)
0 = PAD configured as OUTPUT
1 = PAD configured as INPUT
gpio_backled2_a
1
PRW
01
BACKLED2 data output (when
_en = 0)
gpio_backled2_zi
2
PR
01
BACKLED2 IO value
gpio_backled2_tm
3
PRW
00
Reserved. Do not modify this bit.
gpio_backled2_a_
ctrl
4PRW
00
BACKLED2 data output origin
0 = Output value from HW
register
1 = Output value from PWM 2
gpio_backled2_
opendrain
7PRW
01
BACKLED2 pad open drain
control
0 = BACKLED2 pad normal config
1 = BACKLED2 pad in open drain
(A = EN)
f
PWM_PERIOD
pwm_period
7:0
PRW
ff
PWM period duration (20 us tick
period)
10
PWM_PULSEHIGH0
pwm_pulse_high0
7:0
PRW
00
PWM 0 pulse high duration (20 us
tick period) - 0 = disable
11
PWM_PULSEHIGH1
pwm_pulse_high1
7:0
PRW
00
PWM 1 pulse high duration (20 us
tick period) - 0 = disable
12
PWM_PULSEHIGH2
pwm_pulse_high2
7:0
PRW
00
PWM 2 pulse high duration (20 us
tick period) - 0 = disable
Table 26. BACKLED control registers (continued)
Addr
(Hex)
Register name
SIgnal name
Bit
Type
Default
(Hex)
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com