Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF080451 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # PTF080451
Description  LDMOS RF Power Field Effect Transistor 45 W, 869-960 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF080451 Datasheet(HTML) 6 Page - Infineon Technologies AG

  PTF080451 Datasheet HTML 1Page - Infineon Technologies AG PTF080451 Datasheet HTML 2Page - Infineon Technologies AG PTF080451 Datasheet HTML 3Page - Infineon Technologies AG PTF080451 Datasheet HTML 4Page - Infineon Technologies AG PTF080451 Datasheet HTML 5Page - Infineon Technologies AG PTF080451 Datasheet HTML 6Page - Infineon Technologies AG PTF080451 Datasheet HTML 7Page - Infineon Technologies AG PTF080451 Datasheet HTML 8Page - Infineon Technologies AG PTF080451 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet
6 of 9
2004-06-24
PTF080451
Test Circuit
Test Circuit Schematic for 960 MHz
Circuit Assembly Information
DUT
PTF080451
LDMOS Transistor
PCB
0.76 mm. [.030”] thick,
ε
r = 4.5
2 oz. copper
Rogers TMM4
Microstrip
Electrical Characteristics at 960 MHz
Dimensions: L x W (mm.)
Dimensions: L x W (in.)
l1
0.075
λ, 50.770 Ω
0.505 x 0.053
12.83 x 1.35
l2
0.114
λ, 50.770 Ω
0.765 x 0.053
19.43 x 1.35
l3
0.050
λ, 50.770 Ω
0.335 x 0.053
8.51 x 1.35
l4
0.289
λ, 73.660 Ω
2.000 x 0.025
50.80 x 0.64
l5
0.060
λ, 9.350 Ω
0.360 x 0.506
9.14 x 12.85
l6
0.199
λ, 9.190 Ω
1.200 x 0.510
30.48 x 12.95
l7
0.132
λ, 52.470 Ω
0.890 x 0.050
22.61 x 1.27
l8
0.134
λ, 38.020 Ω
0.880 x 0.085
22.35 x 2.16
l9
0.029
λ, 50.200 Ω
0.195 x 0.054
4.95 x 1.37
QQ1
+
+
L1
+
V
DD
080451_ sch
l 1
l2
l3
l4
l5
l6
l8
l7
l9
RF_IN
RF_OUT
V
DD
LM7805
DUT
R4
2k
V
R3
10
V
C16
.01µF
C14
.01µF
C15
.01µF
Q1
BCP56
33pF
C3
10
V
R1
1k
V
R2
50V
0.1µF
C2
10µF
35V
C1
33pF
C4
C5
5.1pF
33pF
C6
1µF
C7
10µF
35V
C8
0.1µF
50V
C9
1.2pF
C11
C12
1.0pF
C13
33pF
10µF
35V
C10
R6
1.0kV
R5
1.3k
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com