Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF080451 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PTF080451
Description  LDMOS RF Power Field Effect Transistor 45 W, 869-960 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF080451 Datasheet(HTML) 7 Page - Infineon Technologies AG

  PTF080451 Datasheet HTML 1Page - Infineon Technologies AG PTF080451 Datasheet HTML 2Page - Infineon Technologies AG PTF080451 Datasheet HTML 3Page - Infineon Technologies AG PTF080451 Datasheet HTML 4Page - Infineon Technologies AG PTF080451 Datasheet HTML 5Page - Infineon Technologies AG PTF080451 Datasheet HTML 6Page - Infineon Technologies AG PTF080451 Datasheet HTML 7Page - Infineon Technologies AG PTF080451 Datasheet HTML 8Page - Infineon Technologies AG PTF080451 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Data Sheet
7 of 9
2004-06-24
PTF080451
Reference Circuit1 (not to scale)
Component
Description
Manufacturer
P/N or Comment
C1, C8, C10
Capacitor, 10 µF, 35 V, Tant TE Series SMD
Digi-Key
PCS6106TR-ND
C2, C9
Capacitor, 0.1 µF, 50 V
Digi-Key
P4525-ND
C3, C4, C6, C13
Capacitor, 33 pF
ATC
100B 330
C5
Capacitor, 5.1 pF
ATC
100B 5R1
C7
Capacitor, 1 µF, 50 V
Digi-Key
19528-ND
C11
Capacitor, 1.2 pF
ATC
100B 1R2
C12
Capacitor, 1.0 pF
ATC
100B 1R0
C14, C15, C16
Capacitor, .01 µF
Digi-Key
PCC1772CT-ND
L1
Ferrite, 6 mm
Philips
53/3/4.6-452
Q1
Transistor
Infineon
BCP56
QQ1
Voltage Regulator
Digi-Key
LM7805
R1, R3
Resistor, 10 ohm
Digi-Key
100ECT-ND
R2
Resistor, 1.0 k-ohm
Digi-Key
1KQBK
R4
Resistor, Variable 2 k-ohm, 4 W
Digi-Key
3224 W-202ETR-ND
R5
Resistor, 1.3 k-ohm 1/10 W, 0603
Digi-Key
P1.3KGCT-ND
R6
Resistor, 1.0 k-ohm 1/10 W, 0603
Digi-Key
P1.0KGCT-ND
1Gerber files for this circuit are available on request.
Test Circuit (cont.)
C5
R2
R1
C1
C2
080451out_01
C13
C12
C6
080451_assy
R4
C14 C16
C15
R5
R6
LM
QQ1
R3
Q1
C4
C3
C7
C8
L1
C9
C10
C11
080451in_01



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com