Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTF080451 Datasheet (PDF) - Infineon Technologies AG

PTF080451 Datasheet PDF - Infineon Technologies AG
Part # PTF080451
Download  PTF080451 Download
File Size   158.52 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LDMOS RF Power Field Effect Transistor 45 W, 869-960 MHz

PTF080451 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTF080451 Datasheet PDF - Infineon Technologies AG

Part # PTF080451
Download  PTF080451 Click to download

File Size   158.52 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LDMOS RF Power Field Effect Transistor 45 W, 869-960 MHz

PTF080451 Datasheet (HTML) - Infineon Technologies AG


PTF080451 Product details

Description

The PTF080451 is a 45 W, internally matched GOLDMOS FET intended for EDGE and CDMA  applications in the 860 to 960 MHz band. Full gold metallization ensures excellent device lifetime and reliability.



Features

• Broadband internal matching

• Typical EDGE performance

- Average output power = 22.5 W

- Gain = 18 dB

- Efficiency = 40%

• Typical CW performance

- Output power at P–1dB = 60 W

- Gain = 17 dB

- Efficiency = 60%

• Integrated ESD protection: Human Body Model, Class 1 (minimum)

• Excellent thermal stability

• Low HCI drift

• Capable of handling 10:1 VSWR @ 28 V, 45 W (CW) output power



 




Similar Part No. - PTF080451

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF080101 INFINEON-PTF080101 Datasheet
64Kb / 4P
LDMOS RF POWER FIELD EFFECT TRANSISTOR 10W, 860-960MHZ
2004-03-08
PTF080101M INFINEON-PTF080101M Datasheet
258Kb / 8P
High Power RF LDMOS Field Effect Transistor 10 W, 450 ??960 MHz
Rev. 02.1, 2009-02-18
PTF080101S INFINEON-PTF080101S Datasheet
64Kb / 4P
LDMOS RF POWER FIELD EFFECT TRANSISTOR 10W, 860-960MHZ
2004-03-08
PTF080101S INFINEON-PTF080101S Datasheet
172Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 10 W, 860 - 960 MHz
2004-10-05
PTF080601 INFINEON-PTF080601 Datasheet
293Kb / 6P
LDMOS RF Power Field Effect Transistor 60 W, 860-960 MHz
2003-12-05
More results


Similar Description - PTF080451

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF080601 INFINEON-PTF080601 Datasheet
293Kb / 6P
LDMOS RF Power Field Effect Transistor 60 W, 860-960 MHz
2003-12-05
PTF080901 INFINEON-PTF080901 Datasheet
205Kb / 10P
LDMOS RF Power Field Effect Transistor 90 W, 869-960 MHz
2004-04-05
PTF210451 INFINEON-PTF210451 Datasheet
406Kb / 8P
LDMOS RF Power Field Effect Transistor 45 W, 2110-2170 MHz
2003-12-22
logo
Tyco Electronics
MAPLST0810-030CF MACOM-MAPLST0810-030CF Datasheet
137Kb / 4P
RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 30W, 26V
MAPLST0810-045CF MACOM-MAPLST0810-045CF Datasheet
136Kb / 4P
RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 45W, 26V
MAPLST0810-090CF MACOM-MAPLST0810-090CF Datasheet
138Kb / 4P
RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 90W, 26V
MAPLST0810-030CF-05-2004 MACOM-MAPLST0810-030CF-05-2004 Datasheet
137Kb / 4P
RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 30W, 26V
MAPLST0810-045CF MACOM-MAPLST0810-045CF Datasheet
136Kb / 4P
RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 45W, 26V
MAPLST0810-090CF-05-2004 MACOM-MAPLST0810-090CF-05-2004 Datasheet
138Kb / 4P
RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 90W, 26V
logo
Infineon Technologies A...
PTF080101M INFINEON-PTF080101M Datasheet
258Kb / 8P
High Power RF LDMOS Field Effect Transistor 10 W, 450 ??960 MHz
Rev. 02.1, 2009-02-18
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com