Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2010M Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE2010M
Description  P-Channel -100V MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2010M Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE2010M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2010M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2010M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2010M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2010M Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ACE2010M
P-Channel -100V MOSFET
VER 1.1
3
Electrical Characteristics
TA=25℃, unless otherwise specified.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = -80 V, VGS = 0 V
-1
uA
VDS = -80 V, VGS = 0 V, TJ = 55°C
-10
On-State Drain Current
ID(on)
VDS =- 5 V, VGS = -10 V
-20
A
Drain-Source On-Resistance
rDS(on)
VGS = -10 V, ID = -1 A
295
mΩ
VGS = -4.5 V, ID = -1 A
590
Forward Transconductance
gfs
VDS = -15 V, ID = -28 A
8
S
Diode Forward Voltage
VSD
IS = -2.5A, VGS = 0 V
-0.7
V
Dynamic
Total Gate Charge
Qg
VDS = -30 V, VGS = -4.5 V,
ID = -28 A
18
nC
Gate-Source Charge
Qgs
5
Gate-Drain Charge
Qgd
2
Turn-On Delay Time
td(on)
VDD = -30 V, RL = 30 Ω , ID = -1 A
VGEN = -10 V, RGEN = 6 Ω
8
nS
Rise Time
tr
10
Turn-Off Delay Time
td(off)
35
Fall Time
tf
12
Note:
a. Pulse test: PW <= 300us duty cycle <= 2%.
b. Guaranteed by design, not subject to production testing.
Packing Information
TO-252



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com