Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2010M Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE2010M
Description  P-Channel -100V MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2010M Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE2010M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2010M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2010M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2010M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2010M Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ACE2010M
P-Channel -100V MOSFET
VER 1.1
1
Description
The ACE2010 miniature surface mount MOSFETs utilize a high cell density trench process to provide
low rDS(on) and to ensure minimal power loss and heat dissipation. Typical applications are DC-DC
converters and power management in portable and battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless telephones.
Features
• Low r
DS(on) provides higher efficiency and extends battery life
• Low thermal impedance copper leadframe DPAK saves board space
• Fast switching speed
• High performance trench technology
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-100
V
Gate-Source Voltage
VGS
±20
Continuous Drain Current
TC=25°C
ID
11
A
Pulsed Drain Current
b
IDM
±40
A
Continuous Source Current (Diode Conduction)
a
IS
-15
A
Power Dissipation
TC=25°C
PD
50
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Maximum Unit
Maximum Junction-to-Ambient
a
RθJA
50
°C/W
Maximum Junction-to-Case
RθJC
3.0
Notes
a. Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature


Similar Part No. - ACE2010M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE2006M ACE-ACE2006M Datasheet
536Kb / 7P
N-Channel 60-V MOSFET
VER 1.1
ACE2020M ACE-ACE2020M Datasheet
536Kb / 7P
N-Channel 200-V MOSFET
VER 1.1
More results

Similar Description - ACE2010M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA17P10 FAIRCHILD-FQA17P10 Datasheet
676Kb / 8P
100V P-Channel MOSFET
FQAF17P10 FAIRCHILD-FQAF17P10 Datasheet
667Kb / 8P
100V P-Channel MOSFET
FQB8P10 FAIRCHILD-FQB8P10 Datasheet
667Kb / 9P
100V P-Channel MOSFET
FQD8P10 FAIRCHILD-FQD8P10 Datasheet
662Kb / 9P
100V P-Channel MOSFET
FQPF12P10 FAIRCHILD-FQPF12P10 Datasheet
631Kb / 8P
100V P-Channel MOSFET
logo
Unisonic Technologies
12P10 UTC-12P10 Datasheet
256Kb / 7P
100V P-CHANNEL MOSFET
logo
Guangdong Kexin Industr...
KQD5P10 KEXIN-KQD5P10 Datasheet
63Kb / 2P
100V P-Channel MOSFET
logo
Fairchild Semiconductor
FQD12P10TMF085 FAIRCHILD-FQD12P10TMF085 Datasheet
883Kb / 8P
100V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM22P10 KERSEMI-KSM22P10 Datasheet
1Mb / 6P
100V P-Channel MOSFET
KSMD8P10TM_F085 KERSEMI-KSMD8P10TM_F085 Datasheet
995Kb / 6P
100V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com