Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2010M Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE2010M
Description  P-Channel -100V MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2010M Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE2010M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2010M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2010M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2010M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2010M Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ACE2010M
P-Channel -100V MOSFET
VER 1.1
4
SYMBOL
DIMENSIONAL REQMTS
MIN
NOM
MAX
E
6.40
6.60
6.731
L
1.40
1.52
1.77
L1
2.743 REF
L2
0.508 BSC
L3
0.89
1.27
L4
06.4
1.01
L5
D
6.00
6.10
6.223
H
9.40
10.00
10.40
b
0.64
0.76
0.88
b2
0.77
0.84
1.14
b3
5.21
5.34
5.46
e
2.286 BSC
A
2.20
2.30
2.38
A1
0
0.127
c
0.45
0.50
0.60
c2
0.45
0.50
0.58
D1
5.30
E1
4.40
θ
0。
10。



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com