Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPS2535H Datasheet(PDF) 1 Page - STMicroelectronics

Part # VPS2535H
Description  Double channel high-side driver with analog current sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VPS2535H Datasheet(HTML) 1 Page - STMicroelectronics

  VPS2535H Datasheet HTML 1Page - STMicroelectronics VPS2535H Datasheet HTML 2Page - STMicroelectronics VPS2535H Datasheet HTML 3Page - STMicroelectronics VPS2535H Datasheet HTML 4Page - STMicroelectronics VPS2535H Datasheet HTML 5Page - STMicroelectronics VPS2535H Datasheet HTML 6Page - STMicroelectronics VPS2535H Datasheet HTML 7Page - STMicroelectronics VPS2535H Datasheet HTML 8Page - STMicroelectronics VPS2535H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
This is information on a product in full production.
January 2016
DocID028862 Rev 1
1/30
VPS2535H
Double channel high-side driver with analog current sense
Datasheet
− production data
Features
• General
– Very low standby current
– 3.0 V CMOS compatible input
– Optimized electromagnetic emission
– Very low electromagnetic susceptibility
– Fault reset standby pin (FR_Stby)
• Diagnostic functions
– Proportional load current sense
– High current sense precision for wide range
currents
– Off-state open load detection
– Output short to VCC detection
– Overload and short to ground latch off
– Thermal shutdown latch-off
– Very low current sense leakage
• Protections
– Undervoltage shutdown
– Overvoltage clamp
– Load current limitation
– Self limiting of fast thermal transients
– Protection against loss of ground and loss
of VCC
– Thermal shutdown
– Electrostatic discharge protection
Application
All types of resistive, inductive and capacitive
loads
Description
The VPS2535H is a monolithic device made
using STMicroelectronics® VIPower® technology,
intended for driving resistive or inductive loads
with one side connected to ground. Active VCC
pin voltage clamp protects the device against low
energy spikes.
The device integrates an analog current sense
which delivers a current proportional to the load
current.
Fault conditions such as overload,
overtemperature or short to VCC are reported via
the current sense pin.
Output current limitation protects the device in
overload conditions. The device latches off in
case of overload or thermal shutdown.
The device is reset by a low level pass on the fault
reset standby pin.
A permanent low level on the inputs and on the
fault reset standby pins disables all outputs and
sets the device in standby mode.
Max transient supply voltage
VCC
58 V
Operating voltage range
VCC
8 to 36 V
Typ on-state resistance (per ch.)
RON
35 m
Ω
Current limitation (typ)
ILIM
42 A
Off-state supply current
IS
2 µA
www.st.com


Similar Part No. - VPS2535H

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS20-1250 TRIAD-VPS20-1250 Datasheet
130Kb / 1P
POWER TRANSFORMER CHASSIS MOUNT : CONNECT WORLD SERIES
VPS20-1250 TRIAD-VPS20-1250_13 Datasheet
161Kb / 1P
QUICK-CONNECT WORLD SERIES
VPS20-2200 TRIAD-VPS20-2200 Datasheet
124Kb / 1P
POWER TRANSFORMER CHASSIS MOUNT : QUICK-CONNECT WORLD SERIES
VPS20-2200 TRIAD-VPS20-2200_13 Datasheet
161Kb / 1P
QUICK-CONNECT WORLD SERIES
VPS20-4000 TRIAD-VPS20-4000 Datasheet
127Kb / 1P
POWER TRANSFORMER CHASSIS MOUNT : CONNECT WORLD SERIES
More results

Similar Description - VPS2535H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
Double channel high side driver with analog current sense for automotive applications
30-Mar-2006
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
Double channel high side driver with analog current sense for automotive applications
14-Apr-2006
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
Double channel high side driver with analog current sense for automotive applications
28-Mar-2007
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
Double channel high-side driver with analog current sense for automotive applications
09-Jul-2012
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
Double channel high-side driver with analog current sense for automotive applications
24-Oct-2013
VND5T050AK-E STMICROELECTRONICS-VND5T050AK-E Datasheet
772Kb / 32P
Double channel high-side driver with analog current sense
18-Sep-2013
VND5E008AY-E STMICROELECTRONICS-VND5E008AY-E Datasheet
971Kb / 39P
Double channel high-side driver with analog current sense
25-Oct-2013
VND5E025AY-E STMICROELECTRONICS-VND5E025AY-E Datasheet
730Kb / 37P
Double channel high-side driver with analog current sense
19-Sep-2013
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
Double-channel high-side driver with analog current sense for automotive applications
18-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com