Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPS2535H Datasheet(PDF) 13 Page - STMicroelectronics

Part # VPS2535H
Description  Double channel high-side driver with analog current sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VPS2535H Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VPS2535H Datasheet HTML 9Page - STMicroelectronics VPS2535H Datasheet HTML 10Page - STMicroelectronics VPS2535H Datasheet HTML 11Page - STMicroelectronics VPS2535H Datasheet HTML 12Page - STMicroelectronics VPS2535H Datasheet HTML 13Page - STMicroelectronics VPS2535H Datasheet HTML 14Page - STMicroelectronics VPS2535H Datasheet HTML 15Page - STMicroelectronics VPS2535H Datasheet HTML 16Page - STMicroelectronics VPS2535H Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
DocID028862 Rev 1
13/30
VPS2535H
Electrical specifications
29
Figure 6. Current sense delay characteristics
Figure 7. Open-load off-state delay timing
Note:
Vfr_stby = high
Table 10. Open-load detection (VFR_Stby =5 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOL
Open-load off-state
voltage detection
threshold
VIN =0 V; 8V <VCC <36 V
2
4
V
tDSTKON
Output short circuit to
VCC detection delay at
turn off
See Figure 7
180
1800
µs
IL(off2)
Off-state output current
at VOUT = 4V
VIN =0 V; VSENSE =0 V;
VOUT rising from 0 V to 4 V
-120
0
µA
td_vol
Delay response from
output rising edge to
VSENSE rising edge in
openload
VOUT =4 V; VIN =0 V;
VSENSE = 90 % of VSENSEH;
RSENSE =3.9 K
20
µs
tDFRSTK_ON
Output short circuit to
VCC detection delay at
FRSTBY activation
See Figure 9; Input1,2 =low
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com