Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPS2535H Datasheet(PDF) 25 Page - STMicroelectronics

Part # VPS2535H
Description  Double channel high-side driver with analog current sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VPS2535H Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VPS2535H Datasheet HTML 21Page - STMicroelectronics VPS2535H Datasheet HTML 22Page - STMicroelectronics VPS2535H Datasheet HTML 23Page - STMicroelectronics VPS2535H Datasheet HTML 24Page - STMicroelectronics VPS2535H Datasheet HTML 25Page - STMicroelectronics VPS2535H Datasheet HTML 26Page - STMicroelectronics VPS2535H Datasheet HTML 27Page - STMicroelectronics VPS2535H Datasheet HTML 28Page - STMicroelectronics VPS2535H Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
DocID028862 Rev 1
25/30
VPS2535H
Package and packing information
29
Table 13. PowerSSO-24 mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
Θ
0º
8º
Θ1
5º
10º
Θ20º
A
2.45
A1
0.00
0.10
A2
2.15
2.35
b
0.33
0.51
b1
0.28
0.40
0.48
c
0.23
0.32
c1
0.20
0.20
0.30
D
10.30 BSC
D1
6.50
7.10
D2
3.65
D3
4.30
e
0.80 BSC
E
10.30 BSC
E1
7.50 BSC
E2
4.10
4.70
E3
2.30
E4
2.90
G1
1.20
G2
1.00
G3
0.80
h
0.30
0.40
L
0.55
0.70
0.85
L1
1.40
L2
0.25 BSC
N24
R0.30
R1
0.20
S0.25
Tolerance of form and position
aaa
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com