Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2600B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE2600B
Description  Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2600B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE2600B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2600B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2600B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2600B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2600B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2600B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE2600B
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
1
Description
The ACE2600B uses advanced trench technology to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 1.8V. This device is suitable for use as a load switch. It is ESD
protected.
Features
V
DS(V)=20V
I
D=6A (VGS=4.5V)
R
DS(ON)<22mΩ (VGS=4.5V)
R
DS(ON)<26mΩ (VGS=2.5V)
R
DS(ON)<34mΩ (VGS=1.8V)
ESD Protected: 2000V
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±8
V
Drain Current (Continuous) * AC
TA=25
OC
ID
6
A
TA=70
OC
4.8
Drain Current (Pulse) * B
IDM
30
Power Dissipation
TA=25
OC
PD
1.3
W
TA=70
OC
0.8
Operating and Storage Temperature Range TJ,TSTG -55 to 150
OC
Packaging Type
SOT-23-6L


Similar Part No. - ACE2600B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE2607B ACE-ACE2607B Datasheet
486Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
VER 1.3
More results

Similar Description - ACE2600B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
logo
ACE Technology Co., LTD...
ACE8202B ACE-ACE8202B Datasheet
651Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE8601B ACE-ACE8601B Datasheet
658Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE8628B ACE-ACE8628B Datasheet
750Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE8810B ACE-ACE8810B Datasheet
668Kb / 6P
Common Drain N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
ACE1512E ACE-ACE1512E Datasheet
397Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.1
ACE8204TL ACE-ACE8204TL Datasheet
480Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com