Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4101 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE4101
Description  Max. 1.6A Li-ion Switching Charger IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4101 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE4101 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACE4101
Max. 1.6A Li-ion Switching Charger IC
VER 1.4
2
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input voltage
VIN
6.5
V
Operating Junction Temperature
TJ
125
OC
Ambient Temperature
TA
-40 ~ 85
OC
Storage temperature
TS
- 55 ~ 150
OC
ESD (HBM)
>2000
V
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.
Packaging Type
DFN3*3-10
DFN3*3-10
Description
Function
1
CHRG
Open‐Drain Charge Status Output. When the battery is charging, the CHRG pin is
pulled low by an internal N‐channel MOSFET. When the charge cycle is completed,
hen the ACE4101 detects an under voltage lockout condition, CHRG is forced high
impedance
2
ISET
Charge Current Program, Monitor the charge current and Shutdown. This pin set
to 1V in constant‐current mode. The charge current is programmed by connecting a
1% resistor, RISET, to GND pin
3
Ctrl
Sense Feedback Voltage Pin
4
EN
Enable Input Pin. Pulling the EN pin high places the ACE4101 into a low power
state where
the BAT drain current drops to less than 3μA and the supply current is
reduced to less than
50μA. For normal operation, pull the pin low
5
FB
Battery Feedback Voltage
6
VIIN
Positive Supply Voltage Input. This pin connects to the power devices inside the
chip. VIN ranges from 4V to 5.5V for normal operation. Operation down to the under
‐voltage lockout threshold is allowed with current limited wall adapters. Decouple
with a 10μF or larger surface mounted ceramic capacitor
7
SE
Switch Node Connection. This pin connects to the drains of the internal main and
synchronous power MOSFET switches. Connect to external inductor
8
GND
Ground
9
CHRIN
Power Path Output Voltage
10
BAT
Battery Charger Outp
ut Terminal. Connect a 22μF ceramic chip capacitor between
BAT and PGND to keep the ripple voltage small
CHRG
1
10
BAT
ISET
2
9
CHRI
Ctrl
3
8
GND
EN
4
7
SW
FB
5
6
VIN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com