Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4101 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE4101
Description  Max. 1.6A Li-ion Switching Charger IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4101 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE4101 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ACE4101
Max. 1.6A Li-ion Switching Charger IC
VER 1.4
3
Ordering information
ACE4101 XX XX + H
Recommended Work Conditions
Item
Min
Max
Unit
Input Voltage Range
6
V
Operating Junction Temperature (TJ)
-40
85
℃
Electrical Characteristics (VDD=5V,TA=25℃)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Adapter/USB
Voltage Range
VIN
2.6
6
V
Input Supply
Current
ICC
Charge Mode, RISET=10k, Standby
Mode (Charge Terminated) (Note)
300
2000
uA
Shutdown Mode (RISET Not
Connected)
200
500
VCC<VBAT, or VCC<VUV)
30
50
Regulated Output
(Float) Voltage
VFLOAT
0℃≦TA≦85℃, IBAT=40mA
4.158
4.2
4.242
V
4.3065
4.35
4.3935
BAT Pin Current
IBAT
RISET=10k, Current Mode
85
100
115
mA
RISET=0.33k, Current Mode
1.35
1.5
1.65
A
Standby Mode, VBAT=4.2V
Shutdown Mode (RISET Not
Connected) Sleep Mode, VCC=0V
0
-2.5
1
1
-6
5
5
uA
Trickle Charge
Current
ITHIKL
VBAT<VTRIKL, RISET=2k
20
45
70
mA
Trickle Charge
Threshold Voltage
VTRIKL
RISET=10k, VBAT Rising
2.8
2.9
3
V
Trickle Charge
Hysteresis Voltage
VTRHYS
RISET=10k
60
85
110
mV
ISET Pin Voltage
VISET
RISET=10k, Current Mode
0.93
1
1.07
V
CHRG Pin Output
Low Voltage
VCHRG
ICHRG=5mA
0.315
0.6
V
Recharge Battery
Threshold Voltage
△VRECHRG
VFLOAT-VRECHRG
100
160
200
mV
ON: DFN3*3-10
Pb - free
Halogen - free
4.2V / 4.35V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com