Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4101 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4101
Description  Max. 1.6A Li-ion Switching Charger IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4101 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4101 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4101 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE4101
Max. 1.6A Li-ion Switching Charger IC
VER 1.4
1
Description
The ACE4101 is a 1.6A Li‐Ion battery switching charger intended for 5V adapters. Low power
dissipation, an internal MOSFET and its compact package with minimum external components
requirement makes the ACE4101 ideal for portable applications. The ACE4101 includes complete charge
termination circuitry, automatic recharge and a ±1% 4.2V/4.35V float voltage.
External sense resistor and Reverse diode is not need. Build‐in thermal feedback mechanism regulates
the charge current to control the die temperature during high power operation or at elevated ambient
temperature.
Battery charge current, charge timeout and end-of‐charge indication parameters can program by
external components. Additional features include shorted cell detection and overvoltage protection.
Features
Very Low Power Dissipation
1.6A Maximum Charge Current
Standalone Capability with no Requirement of External MOSFET, Sense Resistor or Blocking Diode
Constant‐Current/Constant‐Voltage Operation with Thermal Regulation to Maximize Charge Rate
Without Risk of Overheating
Charges Single Cell Li‐Ion Batteries Directly from USB Port
Drainage Charge Current Thermal Regulation Status Outputs for LED or System Interface
Preset 4.2V/4.35V float Voltage with ±1% Accuracy
Automatic Recharge
Application
Cellular Telephones, PDA, MP3 Players
Charging Docks and Cradles
Handheld Battery‐Powered Devices
Handheld Computers
Typical Application
ACE4101
Device parameter should be select as typical application


Similar Part No. - ACE4101

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4102E ACE-ACE4102E Datasheet
632Kb / 9P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
VER 1.1
ACE4108 ACE-ACE4108 Datasheet
843Kb / 10P
Max.2A Li-ion Switching Charger IC
VER 1.1
More results

Similar Description - ACE4101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24080 TI-BQ24080 Datasheet
911Kb / 16P
SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
logo
ACE Technology Co., LTD...
ACE4702 ACE-ACE4702 Datasheet
353Kb / 15P
2 Cell Li-ion Battery Charger IC
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8578 BELLING-BL8578 Datasheet
677Kb / 7P
Max.1.6A Li-ion Switching Charger IC
logo
Skyworks Solutions Inc.
AAT3698 SKYWORKS-AAT3698 Datasheet
2Mb / 21P
1.6A Linear Li-Ion Battery Charger in a 3x3 TDFN Package
AAT3696 SKYWORKS-AAT3696 Datasheet
2Mb / 21P
1.6A Li-Ion Battery Charger in a 3x3 TDFN Package
logo
SHANGHAI BELLING CO., L...
BL8578 BELLING-BL8578_16 Datasheet
1Mb / 6P
Max.2A Li-ion Switching Charger IC
logo
ACE Technology Co., LTD...
ACE4108 ACE-ACE4108 Datasheet
843Kb / 10P
Max.2A Li-ion Switching Charger IC
VER 1.1
logo
Shanghai Consonance Ele...
CN3781 CONSONANCE-CN3781 Datasheet
212Kb / 11P
Standalone Li-ion Battery Charger IC
logo
SHENZHEN FUMAN ELECTRON...
TC4054B FUMAN-TC4054B Datasheet
288Kb / 6P
0.5A Linear Li-Ion Battery Charger IC
logo
AiT Semiconductor Inc.
A4063 AITSEMI-A4063 Datasheet
366Kb / 10P
BATTERY MANAGEMENT 2A 1.5MHz SINGLE Li-ion SWITCHING CHARGER IC
REV4.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com