Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4908A Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE4908A
Description  Dual P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4908A Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE4908A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4908A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4908A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4908A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4908A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4908A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4908A Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ACE4908A
Dual P-Channel Enhancement Mode MOSFET
VER 1.1
2
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current(TJ=150℃)
TA=25
OC
ID
-1.0
A
TA=70
OC
-0.7
Pulse
Drain Current
IDM
-3
A
Continuous Source Current(Diode Conduction)
IS
-0.6
Power Dissipation
TA=25
OC
PD
0.35
W
TA=70
OC
0.19
Operating and Storage Temperature Range
TJ,TSTG -55 to 150
OC
Thermal Resistance-Junction to Ambient
T ≤ 10sec
RθJA
360
OC/W
Steady State
400
Packaging Type
SOT-363(SC-70-6)
P- channel
P- channel
Ordering information
ACE4908A EM + H
Pin
Symbol
Description
1
S1
Source 1
2
G1
Gate 1
3
D2
Drain 2
4
S2
Source 2
5
G2
Gate 2
6
D1
Drain1
Pb - free
Halogen - free
EM : SOT363



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com