Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4908A Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE4908A
Description  Dual P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4908A Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE4908A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4908A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4908A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4908A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4908A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4908A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4908A Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE4908A
Dual P-Channel Enhancement Mode MOSFET
VER 1.1
3
Electrical Characteristics
TA=25
OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=-250uA
-20
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250uA
-0.35
-0.8
V
Gate Leakage Current
IGSS
VDS=0V ,VGS=±12V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS=-20V, VGS=0V
-1
uA
VDS=-20V,VGS=0V,TJ=55℃
-5
On-State Drain Current
ID(on)
VDS
≤ -4.5V,V
GS =-5V
-2
A
Drain-Source On-State Resistance
RDS(ON)
VGS=-4.5V, ID=-1.0A
0.42
0.52
Ω
VGS=-2.5V, ID=-0.8A
0.58
0.70
VGS=-1.8V, ID=-0.5A
0.75
0.95
Forward Transconductance
gFS
VDS=-10V, ID=-1.0A
1.5
S
Diode Forward Voltage
VSD
IS=-0.5A ,VGS=0V
-0.8
-1.2
V
Switching
Total Gate Charge
Qg
VDS=-10V, VGS=-4.5V,
ID=-0.88A
1.5
2.0
nC
Gate-Source Charge
Qgs
0.3
Gate-Drain Charge
Qgd
0.2
Turn-On Delay Time
td(on)
VGNE=-4.5V, VDD=-10V,
RL=20
Ω, R
G=6
Ω, I
D=-0.5A
18
30
ns
Turn-On Rise Time
tr
25
40
Turn-Off Delay Time
td(off)
15
45
Turn- Off Rise Time
tf
12
20
Dynamic
Input Capacitance
Ciss
VDS=-10V, VGS=0V,f=1MHz
145
pF
Output Capacitance
Coss
25
Reverse Transfer Capacitance
Crss
10
Note: A. The value of RθJA is measured with the device mounted on 1*1in FR-4 board with 2oz Copper, in a still air environment
with TA=25°C. The value in any given application depends on the user's specific board design.
B. Repetitive rating, pulse width limited by junction temperature.
C.
The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com