Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4908A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4908A
Description  Dual P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4908A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4908A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4908A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4908A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4908A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4908A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4908A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4908A Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE4908A
Dual P-Channel Enhancement Mode MOSFET
VER 1.1
1
Description
The ACE4908A is the Dual P-Channel enhancement mode power field effect transistors are produced
using high cell density, DMOS trench technology. This high density process is especially tailored to
minimize on-state resistance and provide superior switching performance.
These devices are particularly suited for low voltage applications such as notebook computer power
management and other battery powered circuits where high-side switching, low in-line power loss, and
resistance to transients are needed.
Features
• P-Channel
-20V/1.0A,RDS (ON)
= 520mΩ@VGS=-4.5V
-20V/0.8A,RDS (ON)
= 700mΩ@VGS=-2.5V
-20V/0.7A,RDS (ON)
= 950mΩ@VGS=-1.8V
• Super high density cell design for extremely low R
DS (ON)
• Exceptional on-resistance and maximum DC current capability
APPLICATIONS
• Power Management in Note book
• Portable Equipment
• Battery Powered System
• DC/DC Converter
• Load Switch
• DSC
• LCD Display inverter


Similar Part No. - ACE4908A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4922 ACE-ACE4922 Datasheet
644Kb / 7P
Dual N-Channel Enhancement Mode MOSFET
VER 1.3
ACE4922B ACE-ACE4922B Datasheet
837Kb / 6P
Dual N-Channel Enhancement Mode Field Effect Transistor
VER 1.1
ACE4922BEM ACE-ACE4922BEM Datasheet
837Kb / 6P
Dual N-Channel Enhancement Mode Field Effect Transistor
VER 1.1
ACE4940M ACE-ACE4940M Datasheet
489Kb / 7P
Dual N-Channel 40-V MOSFET
VER 1.2
ACE4953B ACE-ACE4953B Datasheet
974Kb / 6P
Dual P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
More results

Similar Description - ACE4908A

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
Dual P-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31448 Rev. 3 - 2
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31494 Rev. 4 - 2
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31540 Rev. 3 - 2
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31940 Rev. 3 - 2
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DS31975 Rev. 5 - 2
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308_08 Datasheet
218Kb / 8P
Dual P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com