Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7331M Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE7331M
Description  P-Channel 30-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7331M Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE7331M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7331M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7331M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7331M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7331M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7331M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7331M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ACE7331M
P-Channel 30-V MOSFET
VER 1.1
5
Typical Performance Characteristics
Qg - Total Gate Charge (nC)
VDS (V)
7. Gate Charge Characteristics
8. Capacitance Characteristics
TJ –Junction Temperature (°C)
Pulse TIME (S)
9. Maximum Safe Operating Area
10.Single Pulse Maximum Power Dissipation
Normalized Thermal Transient Junction to Ambient
Square Wave Pulse Duration (s)
11. Transient Thermal Response Curve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com