Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7331M Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7331M
Description  P-Channel 30-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7331M Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7331M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7331M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7331M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7331M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7331M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7331M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7331M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE7331M
P-Channel 30-V MOSFET
VER 1.1
1
Description
The ACE7331M utilize a high cell density trench process to provide low rDS(on) and to ensure minimal
power loss and heat dissipation. Typical applications are DC-DC converters and power management in
portable and battery-powered products such as computers, printers, PCMCIA cards, cellular and cordless
telephones.
Features
• Low r
DS(on) provides higher efficiency and extends battery life
• Low thermal impedance copper lead frame DFN3x3-8L saves board space
• Fast switching speed
• High performance trench technology
Absolute Maximum Ratings
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
Continuous
Drain Current
a
TA=25℃
ID
-13.4
A
TA=70℃
-11.0
Pulsed Drain Current
b
IDM
±50
A
Continuous Source Current (Diode Conduction)
a
IS
-2.1
A
Power Dissipation
a
TA=25℃
PD
3.5
W
TA=70℃
2.0
Operating temperature / storage temperature
TJ/TSTG -55~150
℃
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient
a
t <= 10 sec
RθJA
35
°C/W
Steady State
81
Notes
a. Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature


Similar Part No. - ACE7331M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7330N ACE-ACE7330N Datasheet
341Kb / 4P
High Efficiency Fast Response, 3A, 30V Input Synchronous Step-Down Regulator
VER 1.1
ACE7330NHMS ACE-ACE7330NHMS Datasheet
341Kb / 4P
High Efficiency Fast Response, 3A, 30V Input Synchronous Step-Down Regulator
VER 1.1
ACE7332M ACE-ACE7332M Datasheet
596Kb / 6P
N-Channel 30-V (D-S) MOSFET
VER 1.1
ACE7333C ACE-ACE7333C Datasheet
640Kb / 11P
28V, 3A, 500KHz Synchronous Step-Down DC/DCConverter
VER 1.2
ACE7333CIMH ACE-ACE7333CIMH Datasheet
640Kb / 11P
28V, 3A, 500KHz Synchronous Step-Down DC/DCConverter
VER 1.2
More results

Similar Description - ACE7331M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD45P03-10 VISHAY-SUD45P03-10 Datasheet
41Kb / 4P
P-Channel 30-V 150C MOSFET
21-Nov-00
logo
ACE Technology Co., LTD...
ACE7433M ACE-ACE7433M Datasheet
393Kb / 7P
P-Channel 30-V MOSFET
VER 1.1
ACE4835M ACE-ACE4835M Datasheet
485Kb / 7P
P-Channel 30-V MOSFET
VER 1.1
logo
Nexperia B.V. All right...
PMN70EPE NEXPERIA-PMN70EPE Datasheet
271Kb / 15P
30 V, P-channel Trench MOSFET
PMV35EPE NEXPERIA-PMV35EPE Datasheet
730Kb / 15P
30 V, P-channel Trench MOSFET
PMV50EPEA NEXPERIA-PMV50EPEA Datasheet
727Kb / 16P
30 V, P-channel Trench MOSFET
PMZ1200UPE NEXPERIA-PMZ1200UPE Datasheet
710Kb / 15P
30 V, P-channel Trench MOSFET
PMPB12R5EP NEXPERIA-PMPB12R5EP Datasheet
316Kb / 14P
30 V, P-channel Trench MOSFET
1 March 2021
PMPB16EP NEXPERIA-PMPB16EP Datasheet
313Kb / 14P
30 V, P-channel Trench MOSFET
24 September 2019
PMPB17EP NEXPERIA-PMPB17EP Datasheet
305Kb / 14P
30 V, P-channel Trench MOSFET
26 January 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com