Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7331M Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE7331M
Description  P-Channel 30-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7331M Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

  ACE7331M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7331M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7331M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7331M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7331M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7331M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7331M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ACE7331M
P-Channel 30-V MOSFET
VER 1.1
6
Packing Information
DFN3*3-8L
Unit: mm
SYMBOLS
DIMENSIONS IN MILLIMETERS
DIENSIONS IN INCHES
MIN
NOM
MAX
MIN
NOM
MAX
A
0.700
0.80
0.900
0.0276
0.0315
0.0354
A1
0.00
0.05
0.000
0.002
b
0.24
0.30
0.35
0.009
0.012
0.014
c
0.10
0.152
0.25
0.004
0.006
0.010
D
3.00BSC
0.118BSC
D1
2.35BSC
0.093BSC
E
3.20BSC
0.126BSC
E1
3.00BSC
0.118BSC
E2
1.75BSC
0.069BSC
E3
0.575BSC
0.023BSC
e
0.65BSC
0.026BSC
L
0.30
0.40
0.50
0.0118
0.0157
0.0197
L1
0
0.100
0
0.004
Θ1
0°
10°
12°
0°
10°
12°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com