Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC08FSMA Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # AC08FSMA
Description  Insulation type TRIAC fully covered with resin on the entire case other than electrode leads
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

AC08FSMA Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  AC08FSMA Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. AC08FSMA Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. AC08FSMA Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. AC08FSMA Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. AC08FSMA Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AC08DSMA,AC08FSMA
DESCRIPTION
The AC08DSMA and AC08FSMA are resin insulation type
TRIACs with an effective current of 8 A (TC = 88°C).
These products are covered with resin mold on the entire case
and are electrically insulated with electrodes, giving them a
considerable advantage over conventional TRIACs when
mounting on a heatsink board or performing high-density
mounting.
These products features ratings and electrical characteristics
equal to TO-220AB package TRIAC and a high reliability design.
FEATURES
• Insulation type TRIAC fully covered with resin on the entire
case other than electrode leads
• Insulation voltage and conduction equal to conventional mica
and polyester film
• Can be replaced with TO-220AB package
• High allowable on-current when using a single unit
APPLICATIONS
Non-contact switches of motor speed control, heater temperature control, lamp light control
PACKAGE DRAWING (Unit: mm)
10.5 MAX.
7 ±0.2
3.2 ±0.2
φ
3.0 MAX.
1.3 ±0.2
0.8 ±0.1
2.54 TYP.
2.54 TYP.
1.5 ±0.2
4.7 MAX.
2.5 ±0.1
0.5 ±0.1
12 3
TRIAC
1: T1
2: T2
3: Gate
Standard weight: 2 g
*
*
: TC test bench-mark
www.kersemi.com


Similar Part No. - AC08FSMA

ManufacturerPart #DatasheetDescription
logo
NEC
AC08FSMA NEC-AC08FSMA Datasheet
144Kb / 6P
8A RESIN INSULATION TYPE TRIAC
More results

Similar Description - AC08FSMA

ManufacturerPart #DatasheetDescription
logo
NEC
AC05DSMA NEC-AC05DSMA Datasheet
223Kb / 6P
5 A RESIN INSULATION TYPE TRIAC
AC08DSMA NEC-AC08DSMA Datasheet
144Kb / 6P
8A RESIN INSULATION TYPE TRIAC
AC10DSMA NEC-AC10DSMA Datasheet
217Kb / 6P
10 A RESIN INSULATION TYPE TRIAC
AC12DSMA NEC-AC12DSMA Datasheet
222Kb / 6P
12A RESIN INSULATION TYPE TRIAC
logo
Kersemi Electronic Co.,...
AC10DSMA KERSEMI-AC10DSMA Datasheet
1Mb / 5P
Insulation type TRIAC fully covered with resin on the entire case other than electrode leads
AC12DSMA KERSEMI-AC12DSMA Datasheet
1Mb / 5P
Insulation type TRIAC fully covered with resin on the entire case other than electrode leads
logo
Renesas Technology Corp
AC03DSMA RENESAS-AC03DSMA Datasheet
363Kb / 8P
3 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC05DSMA RENESAS-AC05DSMA Datasheet
421Kb / 8P
5 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC10DSMA RENESAS-AC10DSMA Datasheet
404Kb / 8P
10 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC12DSMA RENESAS-AC12DSMA Datasheet
413Kb / 8P
12 A RESIN MOLD TYPE TRIAC
April 1st, 2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com