Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLE66C164PC Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SLE66C164PC
Description  Security & Chip Card ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66C164PC Datasheet(HTML) 4 Page - Infineon Technologies AG

  SLE66C164PC Datasheet HTML 1Page - Infineon Technologies AG SLE66C164PC Datasheet HTML 2Page - Infineon Technologies AG SLE66C164PC Datasheet HTML 3Page - Infineon Technologies AG SLE66C164PC Datasheet HTML 4Page - Infineon Technologies AG SLE66C164PC Datasheet HTML 5Page - Infineon Technologies AG SLE66C164PC Datasheet HTML 6Page - Infineon Technologies AG SLE66C164PC Datasheet HTML 7Page - Infineon Technologies AG SLE66C164PC Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SLE 66C164P
Preliminary Short Product Information
4 / 8
08.01
• Temperature range: -25 to +85°C
Testmode
• Irreversible Lock - Out of testmode
Anti Snooping
• HW-countermeasures against SPA/DPA-,
Timing- and DFA-attacks (differential fault
analysis – DFA)
• CRC – Module
• Non standard dedicated Smart Card CPU –
Core
• Active Shield with automatic and user
controlled attack detection
Support
• HW-& SW-Tools (Emulator, ROM Monitor,
Card Emulator, Simulator, Softmasking)
• Application notes
Supported Standards
• ISO/IEC 7816
• EMV 2000
• GSM 11.1x
• ETS I TS 102 221
Memory Security
• 16 bytes security PROM, hardware
• Unique chip identification number for each
chip
• MED - memory encryption/decryption device
for XRAM, ROM and EEPROM
• True Random Number Generator with
Firmware test function
• Security optimised layout and layout
scrambling
Document References
• Confidential Data Book SLE 66CxxxP
• Qualification report
• Chip delivery specification for wafer with
chip-layout (die size, orientation,...)
• Module specification containing description
of package, etc.
• Qualification report module
Development Tools Overview
• Short
Product
Information
Software
Development Kit SDK CC
• Short Product Information Card Emulator
CE66P
• Short Product Information ROM Monitor
RM66P
• Short Product Information Emulator ET66P
Hitex or ET66P KSC
• Short Product Information Smart Mask
Package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com