Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLE66C164PC Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SLE66C164PC
Description  Security & Chip Card ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66C164PC Datasheet(HTML) 3 Page - Infineon Technologies AG

  SLE66C164PC Datasheet HTML 1Page - Infineon Technologies AG SLE66C164PC Datasheet HTML 2Page - Infineon Technologies AG SLE66C164PC Datasheet HTML 3Page - Infineon Technologies AG SLE66C164PC Datasheet HTML 4Page - Infineon Technologies AG SLE66C164PC Datasheet HTML 5Page - Infineon Technologies AG SLE66C164PC Datasheet HTML 6Page - Infineon Technologies AG SLE66C164PC Datasheet HTML 7Page - Infineon Technologies AG SLE66C164PC Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SLE 66C164P
Preliminary Short Product Information
3 / 8
08.01
16-Bit Security Controller with MMU in 0.25µm CMOS Technologie
64 Kbytes ROM, 2304 bytes RAM, 16 Kbytes EEPROM
112-Bit/ 192-Bit DDES-EC2 Accelerator
Features
• 16-bit microcomputer in 0.25 µm CMOS
technology
• Instruction set opcode compatible with
standard SAB 8051 processor
• Enhanced 16-bit arithmetic
• Additional powerful instructions optimized
for chip card applications
• Dedicated, non-standard architecture with
execution time 6 times faster (18 times
by PLLmax) than standard SAB 8051
processor at external same clock
• 62 Kbytes User ROM for application
programs
• Additional 2 Kbytes reserved ROM for
Resource Management System (RMS+
light) with intelligent EEPROM write/erase
routines
• 16 Kbytes Slim-EEPROM
• 2 Kbytes XRAM, 256 Bytes IRAM
• Memory Management and Protection
Unit (MMU)
• Dual Key Triple DES (DDES) and EC2
GF (2
n) Accelerator
• CRC Module
• Interrupt Module
• PLL
• Two 16-bit Autoreload Timer
• Power saving sleep mode
• Ext. clock freq. 1 to 7.5 MHz for int.
Clock
≤ 10 MHz
• UART for handling serial interface in
accordance with ISO/IEC 7816 part 3
supporting transmission protocols T=1
and T=0
• I/O routines realized in software executable
• Supply voltage range: 2.7 V to 5.5 V
• Current consumption
< 10 mA @ 5.5 V
< 6 mA @ 3.3 V
• ESD protection larger than 6 kV
Slim-EEPROM
• Reading, erasing and writing byte by byte
• Flexible page mode for 1 to 64 bytes
write/erase operation
• Fast personalization mode
• 32 bytes security area (OTP)
• Erase + Write time < 4.5 ms
• Minimum of 500.000 write/erase cycles at
25°C
• Data retention for a minimum of 10 years
• EEPROM programming voltage generated on
chip
Memory Management and Protection Unit
• Addressable memory up to 1 MByte
• Separates OS (system) and application
(user)
• System routines called by traps
• OS can restrict access to peripherals in
application mode
• Code execution from XRAM possible
Security Features
Operation state monitoring mechanism
• Low and high voltage sensors
• Frequency sensors and filters
• Light Sensor
• Glitch Sensor
• Life Test Function for Sensors



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com