Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLE66C164PC Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SLE66C164PC
Description  Security & Chip Card ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66C164PC Datasheet(HTML) 5 Page - Infineon Technologies AG

  SLE66C164PC Datasheet HTML 1Page - Infineon Technologies AG SLE66C164PC Datasheet HTML 2Page - Infineon Technologies AG SLE66C164PC Datasheet HTML 3Page - Infineon Technologies AG SLE66C164PC Datasheet HTML 4Page - Infineon Technologies AG SLE66C164PC Datasheet HTML 5Page - Infineon Technologies AG SLE66C164PC Datasheet HTML 6Page - Infineon Technologies AG SLE66C164PC Datasheet HTML 7Page - Infineon Technologies AG SLE66C164PC Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SLE 66C164P
Preliminary Short Product Information
5 / 8
08.01
Performance DDES-EC2 Accelerator
Encryption Time for an
8-Byte Block incl. Data
Transfer
Operation
Data Block
Length
5 MHz 10 MHz 15 MHz
56-bit Single DES Encryption
64 bit
23 µs
11 µs
8 µs
112-bit Triple DES Encryption
64 bit
35 µs
17 µs
12 µs
Calculation Time
Operand
Length
5 MHz 10 MHz 15 MHz
Elliptic Curves GF(2
n) EC-DSA Signature Generate
192 bit
285 ms 142 ms 95 ms
Elliptic Curves GF(2
n) EC-DSA Signature Verify
192 bit
540 ms 270 ms 180 ms
Ordering Information
Type
Package
1
Voltage
Range
Temperature
Range
Frequency Range
(ext. clock frequency)
SLE 66C164P M5
M5
SLE 66C164P C
Die
2.7 V - 5.5 V – 25°C to + 70°C 1 MHz - 5 MHz
SLE 66C164P-T85 M5
M5
SLE 66C164P-T85 C
Die
2.7 V - 5.5 V – 25°C to + 85°C 1 MHz - 5 MHz
SLE 66C164P-F7 M5
M5
SLE 66C164P-F7 C
die
2.7 V - 5.5 V – 25°C to + 70°C 1 MHz – 7.5 MHz
Production sites:
• Dresden SLE 66CxxxP
• UMC Taiwan SLE 66CxxxPU
1 available as wire-bonded module (M5) for embedding in plastic cards or as die (C) for customer packaging



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com