Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGH40180PP Datasheet(PDF) 3 Page - Cree, Inc

Part # CGH40180PP
Description  180 W, RF Power GaN HEMT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH40180PP Datasheet(HTML) 3 Page - Cree, Inc

  CGH40180PP Datasheet HTML 1Page - Cree, Inc CGH40180PP Datasheet HTML 2Page - Cree, Inc CGH40180PP Datasheet HTML 3Page - Cree, Inc CGH40180PP Datasheet HTML 4Page - Cree, Inc CGH40180PP Datasheet HTML 5Page - Cree, Inc CGH40180PP Datasheet HTML 6Page - Cree, Inc CGH40180PP Datasheet HTML 7Page - Cree, Inc CGH40180PP Datasheet HTML 8Page - Cree, Inc CGH40180PP Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
CGH40180PP Rev 3.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.CREE
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Performance
Gain and Return Loss vs Frequency measured in
Broadband Amplifier Circuit CGH40180PP-AMP
V
DD = 28 V, IDQ = 2.0 A, Freq = 0.8 - 1.7 GHz
Output Power and Drain Efficiency vs Frequency
measured in Broadband Amplifier Circuit CGH40180PP-AMP
V
DD = 28 V, IDQ = 2.0 A
-5
0
5
10
15
18
21
24
S-parameter CGH40180PP
S11
S21
-30
-25
-20
-15
-10
0
3
6
9
12
800
900
1000
1100
1200
1300
1400
1500
1600
1700
Frequency (MHz)
S21
S11
S11
60%
70%
80%
90%
100%
190
205
220
235
250
Power and Efficiency vs Frequency
Drain Efficiency
Psat
0%
10%
20%
30%
40%
50%
100
115
130
145
160
175
1100
1150
1200
1250
1300
Frequency (MHz)
Psat
Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com