Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGH40180PP Datasheet(PDF) 4 Page - Cree, Inc

Part # CGH40180PP
Description  180 W, RF Power GaN HEMT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH40180PP Datasheet(HTML) 4 Page - Cree, Inc

  CGH40180PP Datasheet HTML 1Page - Cree, Inc CGH40180PP Datasheet HTML 2Page - Cree, Inc CGH40180PP Datasheet HTML 3Page - Cree, Inc CGH40180PP Datasheet HTML 4Page - Cree, Inc CGH40180PP Datasheet HTML 5Page - Cree, Inc CGH40180PP Datasheet HTML 6Page - Cree, Inc CGH40180PP Datasheet HTML 7Page - Cree, Inc CGH40180PP Datasheet HTML 8Page - Cree, Inc CGH40180PP Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
CGH40180PP Rev 3.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.CREE
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Performance
Gain and Drain Efficiency vs Output Power measured
in Broadband Amplifier Circuit CGH40180PP-AMP
V
DD = 28 V, IDQ = 2.0 A
40%
50%
60%
70%
80%
14
16
18
20
22
gain 1100
gain 1150
gain 1200
gain 1250
gain 1300
eff 1100
eff 1150
eff 1200
eff 1250
eff 1300
Gain
0%
10%
20%
30%
40%
6
8
10
12
14
30
32
34
36
38
40
42
44
46
48
50
52
54
Output Power (dBm)
Drain
Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com