Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGH40180PP Datasheet(PDF) 9 Page - Cree, Inc

Part # CGH40180PP
Description  180 W, RF Power GaN HEMT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH40180PP Datasheet(HTML) 9 Page - Cree, Inc

Back Button CGH40180PP Datasheet HTML 5Page - Cree, Inc CGH40180PP Datasheet HTML 6Page - Cree, Inc CGH40180PP Datasheet HTML 7Page - Cree, Inc CGH40180PP Datasheet HTML 8Page - Cree, Inc CGH40180PP Datasheet HTML 9Page - Cree, Inc CGH40180PP Datasheet HTML 10Page - Cree, Inc CGH40180PP Datasheet HTML 11Page - Cree, Inc CGH40180PP Datasheet HTML 12Page - Cree, Inc CGH40180PP Datasheet HTML 13Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
CGH40180PP Rev 3.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.CREE
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
CGH40180PP-AMP Demonstration Amplifier Circuit Bill of Materials
Designator
Description
Qty
R1
RES, 100 Ohm, +/-1%, 1 W, 2512
1
R10,R20
RES, 511 Ohm, +/- 5%, 1/16W, 0603
2
R30,R40
RES, 1/16W, 0603, 1%, 5.1 OHMS
2
C1,C2,C3,C4,C30,C40,C70,C80
CAP, 27 pF,+/-5% 0805,ATC600F
8
C10,C11,C13,C14,C20,C21,C23,C24
CAP, 3.9PF, +/-0.1 pF, 0603, ATC600S
8
C12,C22
CAP, 3.3PF, +/-0.1 pF, 0603, ATC600S
2
C15,C19,C25,C29
CAP, 1.8PF, +/-0.1 pF, 0603, ATC600S
4
C16,C26
CAP, 1.0PF, +/-0.1 pF, 0603, ATC600S
2
C17,C27
CAP, 0.9PF, +/-0.1 pF, 0603, ATC600S
2
C31,C41
CAP, 100 pF,+/-5%, 0603,ATC600S
2
C32,C42
CAP, 470 pF, 5%, 100V, 0603, X7R
2
C34,C44,C72,C82
CAP, 33000 pF, 0805, 100V, X7R
4
C35,C45
CAP, 10 uF, 16V, TANTALUM
2
C50,C51,C60,C61
CAP, 5.6 pF, +/-0.1 pF, 0805, ATC600F
4
C52,C62
CAP, 2.7 pF, +/-0.1 pF, 0805, ATC600F
2
C53,C63
CAP, 2.2 pF, +/-0.1 pF, 0805, ATC600F
2
C54,C64
CAP, 1.1 pF, +/-0.05 pF, 0805, ATC600F
2
C55,C65
CAP, 0.5 pF, +/-0.05 pF, 0805, ATC600F
2
C73,C83
CAP, 1.0 uF, +/-10%, 1210, 100V, X7R
2
C74,C84
CAP, 33 uF, 100V, ELECT, FK, SMD
2
L10,L20
IND, 6.8 nH, 0603, L-14C6N8ST
2
L30,L40
FERRITE, 220 OHM, 0603, BLM21PG221SN1
2
J1,J2
CONN, N-Type, Female, 0.500 SMA Flange
2
J3,J4
CONN, Header, RT> PLZ, 0.1 CEN, LK, 9 POS
2
-
PCB, RO4350, Er = 3.48, h = 20 mil
1
Q1
CGH40180PP
1
CGH40180PP-AMP Demonstration Amplifier Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com