Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH463480854BCNFWNFZCWC Datasheet(PDF) 14 Page - Jewel Hill Electronic

Part # JH463480854BCNFWNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH463480854BCNFWNFZCWC Datasheet(HTML) 14 Page - Jewel Hill Electronic

Back Button JH463480854BCNFWNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 15Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 16Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 17Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 18Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
JH463480854B
VER: 1.0
- 13 -
Issue date: 2013/10/12
JEWEL HILL ELECTRONIC CO.,LTD.
11.Inspection Criterion
11.1. Sampling Method
Unless otherwise agreed upon in writing, the sampling inspection shall be applied to the
Customer’s incoming inspection.
1) Lot size: Quantity per shipment lot
2) Sampling type: Normal inspection , single sampling
3) Inspection level: Ⅱ
4) Sampling table: MIL-STD-105D
5) Acceptable Quality Level(AQL): Major=0.65 Minor=1.5
11.2. Inspection Method
1) Ambient Condition:
a. Temperature: Room temperature 25±5℃
b. Illumination: Single fluorescent lamp non-directive(300 to 700 Lux)
2) Viewing distance
The distance between the LCD and the inspector’s eyes shall be at least 30-50cm.
3) Viewing Angle
The inspection shall be conducted within normal viewing angle range.
11.3. Inspection Criteria
11.3.1. Major defect
No.
Item
Inspection Standard
Classification
of defects
1
All
functional
defects
1) No display
2) Display abnormally
3) Open or missing segment
4) Short circuit
5) Excess power consumption
6) Backlight no lighting, flickering and abnormal lighting
Major
2
Missing
Missing component
Major
3
Outline
dimension
Overall outline dimension beyond the drawing is not
allowed
Major



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com