Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH463480854BCNFWNFZCWC Datasheet(PDF) 13 Page - Jewel Hill Electronic

Part # JH463480854BCNFWNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH463480854BCNFWNFZCWC Datasheet(HTML) 13 Page - Jewel Hill Electronic

Back Button JH463480854BCNFWNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 15Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 16Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 17Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
JH463480854B
VER: 1.0
- 12 -
Issue date: 2013/10/12
JEWEL HILL ELECTRONIC CO.,LTD.
9. 3 Reset Operation
(VCC=1.65~3.1 V)
10.Reliability and Inspection Standard
No.
Test Item
Test Conditions
Remark
Storage
80℃, 120Hr
Note
1
High Temperature
Operation
70℃, 120Hr
Note
Storage
-30℃, 120Hr
2
Low Temperature
Operation
-20℃, 120Hr
Note
3
High Temperature and High
Humidity
60℃, 90%RH, 120Hr
Note
Storage
-10℃(1Hr) 25℃(5min) 60℃(1Hr)
32 Cycles
4
Temperature Cycle
Operation
-20℃(1Hr) 25℃(5min) 60℃(1Hr)
25 Cycles
Note
5
Peeling Off (Storage)
500gf/cm
Note
6
FPC Bending Test
6,000 times, 2/sec
Note
7
Vibration Test(Storage)
50HZ, 30min,
Amplitude: 2 cm, X/Y/Z directions
Note
8
Drop Test
60cm/ 3Corner/ 8Face, 1Cycle
Note
Note:
1) The test samples should be applied to only one test item.
2) Sample size for each test item is 5~10pcs.
3) For Damp Proof Test, pure water(Resistance>1MΩ) should be used.
4) In case of malfunction defect caused by ESD damage, if it would be recovered to
normal state after resetting, it would be judged as a good part.
5) EL evaluation should be excepted from reliability test with humidity and temperature:
Some defects such as black spot/blemish can happen by natural chemical reaction
with humidity and fluorescence EL has.
6) After the reliability test, the test samples should be inspected after 2 hours at least.
7) Functional test is OK. Missing segment, shorts, unclear segment, non display,
display abnormally, liquid crystal leak are not allowed.
8) After testing, the current Idd should be within initial value ±20%.
9) No low temperature bubbles ,end seal loose and fall, frame rainbow, ACF bubble
growing are allowable in the appearance test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com