Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH463480854BCNFWNFZCWC Datasheet(PDF) 20 Page - Jewel Hill Electronic

Part # JH463480854BCNFWNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH463480854BCNFWNFZCWC Datasheet(HTML) 20 Page - Jewel Hill Electronic

Back Button JH463480854BCNFWNFZCWC Datasheet HTML 15Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 16Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 17Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 18Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 19Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 20Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 21Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 22Page - Jewel Hill Electronic JH463480854BCNFWNFZCWC Datasheet HTML 23Page - Jewel Hill Electronic  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
JH463480854B
VER: 1.0
- 19 -
Issue date: 2013/10/12
JEWEL HILL ELECTRONIC CO.,LTD.
14.PRECAUTIONS FOR USING LCD MODULES
Handing Precautions
(1) The display panel is made of glass and polarizer. As glass is fragile, it tends to
become or chipped during handling especially on the edges. Please avoid dropping or
jarring. Do not subject it to a mechanical shock by dropping it or impact.
(2) If the display panel is damaged and the liquid crystal substance leaks out, be sure not
to get any in your mouth. If the substance contacts your skin or clothes, wash it off
using soap and water.
(3) Do not apply excessive force to the display surface or the adjoining areas since this
may cause the color tone to vary. Do not touch the display with bare hands. This will
stain the display area and degraded insulation between terminals (some cosmetics are
determined to the polarizer).
(4) The polarizer covering the display surface of the LCD module is soft and easily
scratched. Handle this polarizer carefully. Do not touch, push or rub the exposed
polarizers with anything harder than an HB pencil lead (glass, tweezers, etc.). Do not
put or attach anything on the display area to avoid leaving marks on. Condensation on
the surface and contact with terminals due to cold will damage, stain or dirty the
polarizer. After products are tested at low temperature they must be warmed up in a
container before coming is contacting with room temperature air.
(5) If the display surface becomes contaminated, breathe on the surface and gently wipe
it with a soft dry cloth. If it is heavily contaminated, moisten cloth with one of the
following solvents
- Isopropyl alcohol
- Ethyl alcohol
Do not scrub hard to avoid damaging the display surface.
(6) Solvents other than those above-mentioned may damage the polarizer. Especially, do
not use the following.
- Water
- Ketone
- Aromatic solvents
Wipe off saliva or water drops immediately, contact with water over a long period of
time may cause deformation or color fading. Avoid contacting oil and fats.
(7) Exercise care to minimize corrosion of the electrode. Corrosion of the electrodes is
accelerated by water droplets, moisture condensation or a current flow in a
high-humidity environment.
(8) Install the LCD Module by using the mounting holes. When mounting the LCD module
make sure it is free of twisting, warping and distortion. In particular, do not forcibly pull
or bend the I/O cable or the backlight cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com