Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1671 Datasheet(PDF) 73 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 73 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 69Page - Semtech Corporation GS1671 Datasheet HTML 70Page - Semtech Corporation GS1671 Datasheet HTML 71Page - Semtech Corporation GS1671 Datasheet HTML 72Page - Semtech Corporation GS1671 Datasheet HTML 73Page - Semtech Corporation GS1671 Datasheet HTML 74Page - Semtech Corporation GS1671 Datasheet HTML 75Page - Semtech Corporation GS1671 Datasheet HTML 76Page - Semtech Corporation GS1671 Datasheet HTML 77Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
73 of 130
4.18.3.3 Audio FIFO Block
The function of the FIFO block is to change the audio data word rate from the ANC rate
multiplexed with the video signal to the 48kHz audio output rate.
The audio FIFO block contains the audio sample buffers; one per audio channel. Each
buffer is 36 audio samples deep. At power up or reset, the read pointer is held at the zero
position until 26 samples have been written into the FIFO (allows for 6 lines per frame
with no audio samples; a maximum of 4 samples per line in SD Mode). See Figure 4-36.
Figure 4-36: Audio Buffer After Initial 26 Sample Write
The position of the write pointer with respect to the read pointer is monitored
continuously. If the write pointer is less than 6 samples ahead of the read pointer (point
A in Figure 4-37), a sample is repeated from the read-side of the FIFO. If the write pointer
is less than 6 samples behind the read pointer (point B in Figure 4-37), a sample is
dropped. This avoids buffer underflow/overflow conditions.
Figure 4-37: Audio Buffer Pointer Boundary Checking
The repeat or drop sample operation is performed a maximum of 28 consecutive times,
after which the audio outputs are muted (all sample data set to zero). In SD Mode, 26
samples are required to be written into the FIFO prior to starting the read operation
again.
The audio buffer pointer offset may be reduced from 26 samples to 12 or 6 samples using
the OS_SEL[1:0] bits in the host interface. The default setting is 26 samples (see
Table 4-20).
AudioBuffer
0
25
35
Read
Pointer
Write
Pointer
Address
AudioBuffer
0
29
35
Read
Pointer
Write
Pointer
Write
Pointer
A
5
B
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com