Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1671 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 1 Page - Semtech Corporation

  GS1671 Datasheet HTML 1Page - Semtech Corporation GS1671 Datasheet HTML 2Page - Semtech Corporation GS1671 Datasheet HTML 3Page - Semtech Corporation GS1671 Datasheet HTML 4Page - Semtech Corporation GS1671 Datasheet HTML 5Page - Semtech Corporation GS1671 Datasheet HTML 6Page - Semtech Corporation GS1671 Datasheet HTML 7Page - Semtech Corporation GS1671 Datasheet HTML 8Page - Semtech Corporation GS1671 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 130 page
background image
1 of 130
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with
SMPTE Audio and Video Processing
GS1671
www.semtech.com
Key Features
• Operation at 1.485Gb/s, 1.485/1.001Gb/s and 270Mb/s
• Supports SMPTE 292M, SMPTE 259M-C and DVB-ASI
• Integrated adaptive cable equalizer
• Typical equalized length of Belden 1694A cable:
230m at 1.485Gb/s
440m at 270Mb/s
• Integrated Reclocker with low phase noise, integrated
VCO
• Serial digital reclocked, or non-reclocked output
• Integrated audio de-embedder for 8 channels of 48kHz
audio
• Integrated audio clock generator
• Ancillary data extraction
• Parallel data bus selectable as either 20-bit or 10-bit
• Comprehensive error detection and correction
features
• Output H, V, F or CEA 861 Timing Signals
• 1.2V digital core power supply, 1.2V and 3.3V analog
power supplies, and selectable 1.8V or 3.3V I/O power
supply
• GSPI Host Interface
• -20ºC to +85ºC operating temperature range
• Low power operation (typically 480mW)
• Small 11mm x 11mm 100-ball BGA package
• Pb-free and ROHS compliant
Errata
Refer to Errata document entitled GS1670/GS1671 Errata
for this device (document number 53878).
Applications
Application: 1080p30 or 720p60 Monitor
Audio
Selector
Video
Processor
10-bit
HV F/PCLK
CTRL/TIMECODE
AES - OUT
AUDIO 1/2
Audio Clocks
Speakers
Display
DAC
DAC
HD-SDI
GS1671
AUDIO 3/4
AUDIO 5/6
AUDIO 7/8
Application: Multi-format Downconverter
Audio
Processing
& Delay
GS4901
Analog
Sync
Sync
Seperator
10-bit
HV F/PCLK
HD/SD
Serializer
(GS1672)
Video
Downconverter &
Aspect Ratio
Conversion
Memory
10-bit
10-bit bit SD Bypass
HV F/PCLK
Audio Clocks
AE S 1/2
AE S 3/4
AE S 5/6
AE S 7/8
HD/SD-SDI
SD/HD-SDI
GS1671
AE S 1/2
AE S 3/4
AE S 5/6
AE S 7/8
Application: Multi-input Video Monitoring System
GS4911
Analog
Sync
Sync
Seperator
Video
Formatter
Video
Memory
HV F/PCLK
Audio Clocks
10-bit
HV F/PCLK
AE S OUT 1/2
AE S OUT 3/4
AE S OUT 5/6
AE S OUT 7/8
HV F/PCLK
HV F/PCLK
Audio
Select
10-bit
10-bit
On Screen
Display
Generator
AES BUS
Audio
Processor
HV/DE/PCLK
DVI/
VGA DAC
Video
Output
HD-SDI
Input 1
GS1671
GS1671
GS1671
HD-SDI
Input 2
HD-SDI
Input n


Similar Part No. - GS1671

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1671A GENNUM-GS1671A Datasheet
9Mb / 136P
Integrated audio clock generator
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results

Similar Description - GS1671

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1661 SEMTECH-GS1661 Datasheet
6Mb / 84P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS2970A SEMTECH-GS2970A Datasheet
4Mb / 150P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com